Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS01-15B15SS Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LS01-15B15SS
Description  LS01-15BXXSS Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS01-15B15SS Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LS01-15B15SS Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS01-15B15SS Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS01-15B15SS Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS01-15B15SS Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS01-15B15SS Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AC/DC Converter
LS01-15BXXSS Series
2014.02.12-A/0
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
1W, AC/DC converter
RoHS
Model marking with number, such as “0105”means“LS01-15B05SS”
FEATURES
Input voltage range: 85-264VAC/70-400VDC
Over current protection and short circuit protection
High efficiency, high power density
Low power consumption, green power
Industrial grade
Open frame, urtal-slim SIP package
Flexible design of peripheral circuit reduces layout
problems
LS01-15BXXSS series is a high efficiency green power modules provided by Mornsun. The features of this series are: Accept either AC or DC
input, wide input voltage, high efficiency, low loss, safety isolation etc. All models are particularly suitable for the applications such as
industrial, electric power, instrumentation, smart home which do not have high requirement on EMC.EMC application circuit must be
added if the products need to be applied to EMC harsh environment .
Selection Guide
Model
Output Power
Nominal Output Voltage
and Current(Vo/Io)
Efficiency
(230VAC,%/Typ.)
Max. Capacitive Load
(uF)
LS01-15B05SS
1W
5V/200mA
66
220
LS01-15B09SS
9V/111mA
67
100
LS01-15B12SS
12V/83mA
70
100
LS01-15B15SS
15V/67mA
69
100
LS01-15B24SS
24V/42mA
68
100
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
Conventional
100
--
240
VAC
AC input
85
--
264
DC input
70
--
400
VDC
Input frequency
47
--
440
Hz
Input current
115VAC
--
--
0.12
A
230VAC
--
--
0.06
Inrush current
115VAC
--
9
--
230VAC
--
15
--
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
LS01-15B05SS
--
--
±8
%
LS01-15B09SS
--
--
±5
LS01-15B12SS
--
--
LS01-15B15SS
--
--
LS01-15B24SS
--
--
Line Regulation
Full load
--
±1.5
--
Load Regulation
5%-100% load
--
±2.5
--
Output Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
50
120
mV
Temperature Drift Coefficient
--
±0.15
--
%/°C
Stand-by Power Consumption
--
--
0.5
W
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
≥110%Io self-recovery
Min. Load
5--
--
%


Similar Part No. - LS01-15B15SS

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LS01-15B15SS MORNSUN-LS01-15B15SS Datasheet
272Kb / 5P
LS01-15BXXSS Series
2014.02.12-A/0
LS01-15B15SS MORNSUN-LS01-15B15SS Datasheet
272Kb / 5P
LS01-15BXXSS Series
2014.02.12-A/0
LS01-15B15SS MORNSUN-LS01-15B15SS Datasheet
272Kb / 5P
LS01-15BXXSS Series
2014.02.12-A/0
More results

Similar Description - LS01-15B15SS

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
LS01-1A66-PA-500W STANDEX-LS01-1A66-PA-500W Datasheet
213Kb / 1P
LS01 Series Liquid Level Sensor
Rev.12
LS01-1A66-PP-3000W STANDEX-LS01-1A66-PP-3000W Datasheet
217Kb / 1P
LS01 Series Liquid Level Sensor
Rev.07
LS01-1A66-PP-5000W STANDEX-LS01-1A66-PP-5000W Datasheet
218Kb / 1P
LS01 Series Liquid Level Sensor
Rev.08
LS01-1A85-PP-5000W STANDEX-LS01-1A85-PP-5000W Datasheet
91Kb / 1P
LS01 Series Liquid Level Sensor
Rev.01
LS01-1B66-PA-2000W STANDEX-LS01-1B66-PA-2000W Datasheet
220Kb / 1P
LS01 Series Liquid Level Sensor
Rev.05
LS01-1B66-PA-6000W STANDEX-LS01-1B66-PA-6000W Datasheet
218Kb / 1P
LS01 Series Liquid Level Sensor
Rev.04
LS01-1B66-PP-1000W STANDEX-LS01-1B66-PP-1000W Datasheet
212Kb / 1P
LS01 Series Liquid Level Sensor
Rev.04
LS01-1B66-PP-2000W STANDEX-LS01-1B66-PP-2000W Datasheet
223Kb / 1P
LS01 Series Liquid Level Sensor
Rev.05
LS01-1B66-PP-500W STANDEX-LS01-1B66-PP-500W Datasheet
212Kb / 1P
LS01 Series Liquid Level Sensor
Rev.08
LS01-1B85-PP-5000W STANDEX-LS01-1B85-PP-5000W Datasheet
119Kb / 1P
LS01 Series Liquid Level Sensor
Rev.01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com