Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32GP202-E/SP Datasheet(PDF) 189 Page - Microchip Technology

Part # DSPIC33FJ32GP202-E/SP
Description  High-Performance, 16-Bit Microcontrollers
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202-E/SP Datasheet(HTML) 189 Page - Microchip Technology

Back Button DSPIC33FJ32GP202-E/SP Datasheet HTML 185Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 186Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 187Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 188Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 189Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 190Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 191Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 192Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 252 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70290A-page 187
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
18.7
In-Circuit Serial Programming
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
family digital signal controllers can be serially pro-
grammed while in the end application circuit. This is
done with two lines for clock and data and three other
lines for power, ground and the programming
sequence. Serial programming allows customers to
manufacture boards with unprogrammed devices and
then program the digital signal controller just before
shipping the product. Serial programming also allows
the most recent firmware or a custom firmware to be
programmed. Refer to the “dsPIC33F Flash Program-
ming Specification” (DS70152) document for details
about In-Circuit Serial Programming (ICSP).
Any of the three pairs of programming clock/data pins
can be used:
• PGC1/EMUC1 and PGD1/EMUD1
• PGC2/EMUC2 and PGD2/EMUD2
• PGC3/EMUC3 and PGD3/EMUD3
18.8
In-Circuit Debugger
When MPLAB® ICD 2 is selected as a debugger, the
in-circuit debugging functionality is enabled. This
function allows simple debugging functions when used
with MPLAB IDE. Debugging functionality is controlled
through the EMUCx (Emulation/Debug Clock) and
EMUDx (Emulation/Debug Data) pin functions.
Any of the three pairs of debugging clock/data pins can
be used:
• PGC1/EMUC1 and PGD1/EMUD1
• PGC2/EMUC2 and PGD2/EMUD2
• PGC3/EMUC3 and PGD3/EMUD3
To use the in-circuit debugger function of the device,
the design must implement ICSP connections to
MCLR, VDD, VSS, PGC, PGD and the EMUDx/EMUCx
pin pair. In addition, when the feature is enabled, some
of the resources are not available for general use.
These resources include the first 80 bytes of data RAM
and two I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com