Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24HJ12GP201E/ML Datasheet(PDF) 233 Page - Microchip Technology

Part # PIC24HJ12GP201E/ML
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/ML Datasheet(HTML) 233 Page - Microchip Technology

Back Button PIC24HJ12GP201E/ML Datasheet HTML 226Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 227Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 228Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 229Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 230Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 231Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 232Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 233Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 234Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 233 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 231
PIC24HJ12GP201/202
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Architecture:
24
=
16-bit Microcontroller
Flash Memory Family: HJ
=
Flash program memory, 3.3V
Product Group:
GP2
=
General purpose family
Pin Count:
01
=
18-pin
02
=
28-pin
Temperature Range:
I
=
-40
°C to +85°C (Industrial)
E=
-40
°C to +125°C (Extended)
Package:
P
=
Plastic Dual In-Line - 300 mil body (PDIP)
SP
=
Skinny Plastic Dual In-Line - 300 mil body (SPDIP)
SO
=
Plastic Small Outline - Wide, 300 mil body (SOIC)
ML
=
Plastic Quad, No Lead Package - 6x6 mm body (QFN)
Examples:
a)
PIC24HJ12GP202-E/SP:
General purpose PIC24H, 12 KB program
memory, 28-pin, Extended temp.,
SPDIP package.
Microchip Trademark
Architecture
Flash Memory Family
Program Memory Size (KB)
Product Group
Pin Count
Temperature Range
Package
Pattern
PIC 24 HJ 12 GP2 02 T E / SP - XXX
Tape and Reel Flag (if applicable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com