Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917-I/ML Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F917-I/ML
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917-I/ML Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F917-I/ML Datasheet HTML 13Page - Microchip Technology PIC16F917-I/ML Datasheet HTML 14Page - Microchip Technology PIC16F917-I/ML Datasheet HTML 15Page - Microchip Technology PIC16F917-I/ML Datasheet HTML 16Page - Microchip Technology PIC16F917-I/ML Datasheet HTML 17Page - Microchip Technology PIC16F917-I/ML Datasheet HTML 18Page - Microchip Technology PIC16F917-I/ML Datasheet HTML 19Page - Microchip Technology PIC16F917-I/ML Datasheet HTML 20Page - Microchip Technology PIC16F917-I/ML Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 15
PIC16F913/914/916/917/946
1.0
DEVICE OVERVIEW
The PIC16F91X/946 devices are covered by this data
sheet. They are available in 28/40/44/64-pin packages.
Figure 1-1 shows a block diagram of the PIC16F913/916
device, Figure 1-2 shows a block diagram of the
PIC16F914/917 device, and Figure 1-3 shows a block
diagram of the PIC16F946 device. Table 1-1 shows the
pinout descriptions.
FIGURE 1-1:
PIC16F913/916 BLOCK DIAGRAM
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Brown-out
Reset
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Instruction
Decode and
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
PORTA
8
8
8
3
8-Level Stack (13-bit)
256/352 bytes
4K/8K x 14
VSS
RA0
RA1
RA2
RA3
RA4
RA5
RA7
INT
Configuration
Internal
Oscillator
VDD
Block
Program Memory Read
PORTC
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
PORTE
RE3/MCLR
(PMR)
PORTB
PLVD
LCD
Data EEPROM
256 bytes
Comparators
Addressable
USART
CCP1
SSP
Timer0
Timer1
Timer2
10-bit A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com