Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46K20-E/ML Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC18F46K20-E/ML
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46K20-E/ML Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC18F46K20-E/ML Datasheet HTML 25Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 26Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 27Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 28Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 29Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 30Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 31Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 32Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 27
PIC18F2XK20/4XK20
REGISTER 2-1:
OSCCON: OSCILLATOR CONTROL REGISTER
R/W-0
R/W-0
R/W-1
R/W-1
R-q
R-0
R/W-0
R/W-0
IDLEN
IRCF2
IRCF1
IRCF0
OSTS(1)
IOFS
SCS1
SCS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
q = depends on condition
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
IDLEN: Idle Enable bit
1
= Device enters Idle mode on SLEEP instruction
0
= Device enters Sleep mode on SLEEP instruction
bit 6-4
IRCF<2:0>: Internal Oscillator Frequency Select bits
111
= 16 MHz (HFINTOSC drives clock directly)
110
= 8 MHz
101
= 4 MHz
100
= 2 MHz
011
= 1 MHz(3)
010
= 500 kHz
001
= 250 kHz
000
= 31 kHz (from either HFINTOSC/512 or LFINTOSC directly)(2)
bit 3
OSTS: Oscillator Start-up Time-out Status bit(1)
1
= Device is running from the clock defined by FOSC<2:0> of the CONFIG1 register
0
= Device is running from the internal oscillator (HFINTOSC or LFINTOSC)
bit 2
IOFS: HFINTOSC Frequency Stable bit
1
= HFINTOSC frequency is stable
0
= HFINTOSC frequency is not stable
bit 1-0
SCS<1:0>: System Clock Select bits
1x
= Internal oscillator block
01
= Secondary (Timer1) oscillator
00
= Primary clock (determined by CONFIG1H[FOSC<3:0>]).
Note 1:
Reset state depends on state of the IESO Configuration bit.
2:
Source selected by the INTSRC bit of the OSCTUNE register, see text.
3:
Default output frequency of HFINTOSC on Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com