Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/P Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC18F23K20-E/P
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/P Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC18F23K20-E/P Datasheet HTML 58Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 59Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 60Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 61Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 62Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 63Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 64Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 65Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 60
Advance Information
© 2007 Microchip Technology Inc.
IPR2
PIC18F2XK20
PIC18F4XK20
1111 1111
1111 1111
uuuu uuuu
PIR2
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
(1)
PIE2
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
IPR1
PIC18F2XK20
PIC18F4XK20
1111 1111
1111 1111
uuuu uuuu
PIC18F2XK20
PIC18F4XK20
-111 1111
-111 1111
-uuu uuuu
PIR1
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
(1)
PIC18F2XK20
PIC18F4XK20
-000 0000
-000 0000
-uuu uuuu
(1)
PIE1
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
PIC18F2XK20
PIC18F4XK20
-000 0000
-000 0000
-uuu uuuu
OSCTUNE
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
TRISE
PIC18F2XK20
PIC18F4XK20
---- -111
---- -111
---- -uuu
TRISD
PIC18F2XK20
PIC18F4XK20
1111 1111
1111 1111
uuuu uuuu
TRISC
PIC18F2XK20
PIC18F4XK20
1111 1111
1111 1111
uuuu uuuu
TRISB
PIC18F2XK20
PIC18F4XK20
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
PIC18F2XK20
PIC18F4XK20
1111 1111
(5)
1111 1111
(5)
uuuu uuuu
(5)
LATE
PIC18F2XK20
PIC18F4XK20
---- -xxx
---- -uuu
---- -uuu
LATD
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
(5)
uuuu uuuu
(5)
uuuu uuuu
(5)
PORTE
PIC18F2XK20
PIC18F4XK20
---- x000
---- u000
---- uuuu
PIC18F2XK20
PIC18F4XK20
---- x---
---- u---
---- u---
PORTD
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
PIC18F2XK20
PIC18F4XK20
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
PIC18F2XK20
PIC18F4XK20
xxx0 0000
uuu0 0000
uuuu uuuu
PORTA(5)
PIC18F2XK20
PIC18F4XK20
xx0x 0000
(5)
uu0u 0000
(5)
uuuu uuuu
(5)
ANSELH(6)
PIC18F2XK20
PIC18F4XK20
---1 1111
---1 1111
---u uuuu
ANSEL
PIC18F2XK20
PIC18F4XK20
1111 1111
1111 1111
uuuu uuuu
IOCB
PIC18F2XK20
PIC18F4XK20
0000 ----
0000 ----
uuuu ----
WPUB
PIC18F2XK20
PIC18F4XK20
1111 1111
1111 1111
uuuu uuuu
CM1CON0
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
CM2CON0
PIC18F2XK20
PIC18F4XK20
0000 0000
0000 0000
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note
1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled as
PORTA pins, they are disabled and read ‘0’.
6:
All bits of the ANSELH register initialize to ‘0’ if the PBADEN bit of CONFIG3H is ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com