Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F010-E/SL Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16F010-E/SL
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-E/SL Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16F010-E/SL Datasheet HTML 82Page - Microchip Technology PIC16F010-E/SL Datasheet HTML 83Page - Microchip Technology PIC16F010-E/SL Datasheet HTML 84Page - Microchip Technology PIC16F010-E/SL Datasheet HTML 85Page - Microchip Technology PIC16F010-E/SL Datasheet HTML 86Page - Microchip Technology PIC16F010-E/SL Datasheet HTML 87Page - Microchip Technology PIC16F010-E/SL Datasheet HTML 88Page - Microchip Technology PIC16F010-E/SL Datasheet HTML 89Page - Microchip Technology PIC16F010-E/SL Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
PIC12F510/16F506
DS41268C-page 84
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 13-1:
VOLTAGE-FREQUENCY GRAPH, -40
°C ≤ TA ≤ +125°C (PIC12F510)
FIGURE 13-2:
MAXIMUM OSCILLATOR FREQUENCY TABLE (PIC12F510)
6.0
2.5
4.0
3.0
0
3.5
4.5
5.0
5.5
410
Frequency (MHz)
VDD
20
(Volts)
25
2.0
8
0
200 kHz
4 MHz
Frequency (MHz)
8MHz
20 MHz
LP
XT
EXTRC
INTOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com