Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PQTP Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC18F258-E/PQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PQTP Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC18F258-E/PQTP Datasheet HTML 40Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 41Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 42Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 43Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 44Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 45Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 46Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 47Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 402 page
background image
PIC18FXX8
DS41159E-page 42
© 2006 Microchip Technology Inc.
EXAMPLE 4-2:
INSTRUCTION PIPELINE FLOW
EXAMPLE 4-3:
INSTRUCTIONS IN PROGRAM MEMORY
Note:
All instructions are single cycle, except for any program branches. These take two cycles, since the fetch instruction is
“flushed” from the pipeline while the new instruction is being fetched and then executed.
TCY0TCY1TCY2TCY3TCY4TCY5
1. MOVLW 55h
Fetch 1
Execute 1
2. MOVWF PORTB
Fetch 2
Execute 2
3. BRA SUB_1
Fetch 3
Execute 3
4. BSF
PORTA, BIT3 (Forced NOP)
Fetch 4
Flush
5. Instruction @ address SUB_1
Fetch SUB_1
Execute SUB_1
Instruction
Opcode
Memory
Address
—
000007h
MOVLW 055h
0E55h
55h
000008h
0Eh
000009h
GOTO 000006h
0EF03h, 0F000h
03h
00000Ah
0EFh
00000Bh
00h
00000Ch
0F0h
00000Dh
MOVFF 123h, 456h
0C123h, 0F456h
23h
00000Eh
0C1h
00000Fh
56h
000010h
0F4h
000011h
—
000012h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com