Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PQTP Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC18F258-E/PQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PQTP Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC18F258-E/PQTP Datasheet HTML 131Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 132Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 133Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 134Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 135Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 136Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 137Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 138Page - Microchip Technology PIC18F258-E/PQTP Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 133
PIC18FXX8
16.2
Capture Mode
The Capture mode of the ECCP module is virtually
identical in operation to that of the standard CCP mod-
ule as discussed in Section 15.1 “CCP1 Module”.
The differences are in the registers and port pins
involved:
• The 16-bit Capture register is ECCPR1
(ECCPR1H and ECCPR1L);
• The capture event is selected by control bits
ECCP1M3:ECCP1M0 (ECCP1CON<3:0>);
• The interrupt bits are ECCP1IE (PIE2<0>) and
ECCP1IF (PIR2<0>); and
• The capture input pin is RD4 and its corresponding
direction control bit is TRISD<4>.
Other operational details, including timer selection,
output pin configuration and software interrupts, are
exactly the same as the standard CCP module.
16.2.1
CAN MESSAGE TIME-STAMP
The special capture event for the reception of CAN mes-
sages (Section 15.2.5 “CAN Message Time-Stamp”)
is not available with the ECCP module.
16.3
Compare Mode
The Compare mode of the ECCP module is virtually
identical in operation to that of the standard CCP
module as discussed in Section 15.2 “Capture
Mode”. The differences are in the registers and port
pins as described in Section 16.2 “Capture Mode”.
All other details are exactly the same.
16.3.1
SPECIAL EVENT TRIGGER
Except as noted below, the special event trigger output
of ECCP1 functions identically to that of the standard
CCP module. It may be used to start an A/D conversion
if the A/D module is enabled.
TABLE 16-4:
REGISTERS ASSOCIATED WITH ENHANCED CAPTURE, COMPARE,
TIMER1 AND TIMER3
Note:
The special event trigger from the ECCP1
module will not set the Timer1 or Timer3
interrupt flag bits.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x 0000 000u
PIR2
—
CMIF
—
EEIF
BCLIF
LVDIF
TMR3IF
ECCP1IF -0-0 0000 -0-0 0000
PIE2
—
CMIE
—
EEIE
BCLIE
LVDIE
TMR3IE
ECCP1IE -0-0 0000 -0-0 0000
IPR2
—
CMIP
—
EEIP
BCLIP
LVDIP
TMR3IP
ECCP1IP -1-1 1111 -1-1 1111
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
T1CON
RD16
—
T1CKPS1 T1CKPS0 T1OSCEN
T1SYNC
TMR1CS
TMR1ON 0-00 0000 u-uu uuuu
TMR3L
Holding Register for the Least Significant Byte of the 16-bit TMR3 Register
xxxx xxxx uuuu uuuu
TMR3H
Holding Register for the Most Significant Byte of the 16-bit TMR3 Register
xxxx xxxx uuuu uuuu
T3CON
RD16
T3ECCP1 T3CKPS1 T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON 0000 0000 uuuu uuuu
TRISD
PORTD Data Direction Register
1111 1111 1111 1111
ECCPR1L
Capture/Compare/PWM Register1 (LSB)
xxxx xxxx uuuu uuuu
ECCPR1H
Capture/Compare/PWM Register1 (MSB)
xxxx xxxx uuuu uuuu
ECCP1CON EPWM1M1 EPWM1M0 EDC1B1
EDC1B0
ECCP1M3 ECCP1M2 ECCP1M1 ECCP1M0 0000 0000 0000 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by the ECCP module and Timer1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com