Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STSAFE-A120 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 13Page - STMicroelectronics STSAFE-A120 Datasheet HTML 14Page - STMicroelectronics STSAFE-A120 Datasheet HTML 15Page - STMicroelectronics STSAFE-A120 Datasheet HTML 16Page - STMicroelectronics STSAFE-A120 Datasheet HTML 17Page - STMicroelectronics STSAFE-A120 Datasheet HTML 18Page - STMicroelectronics STSAFE-A120 Datasheet HTML 19Page - STMicroelectronics STSAFE-A120 Datasheet HTML 20Page - STMicroelectronics STSAFE-A120 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Encrypt
Encrypts data with one of the AES keys in the symmetric key table.
Decrypt
Decrypts data with one of the AES keys in the symmetric key table.
Generate MAC
Signs data with one of the AES keys in the symmetric key table.
Verify MAC
Verifys data with one of the AES keys in the symmetric key table.
Start encrypt
Encrypts long messages of data in chunks with one of the AES keys in the symmetric key table. It must be used
in combination with the process encrypt and the finish encrypt commands.
Process encrypt
Continues the encryption process. It can be used multiple consecutive times to encrypt several chunks of data
with one of the AES keys in the symmetric key table. It must be used in combination with the start encrypt and
the finish encrypt commands.
Finish encrypt
Ends the encryption process of long messages of data in chunks with one of the AES keys in the symmetric key
table. It must be used in combination with the start encrypt and the process encrypt commands.
Start decrypt
Decrypts long messages of data in chunks with one of the AES keys in the symmetric key table. It must be used
in combination with the process decrypt and the finish decrypt commands.
Process decrypt
Continues the decryption process. It can be used multiple consecutive times to decrypt several chunks of data
with one of the AES keys in the symmetric key table. It must be used in combination with the start decrypt and
the finish decrypt commands.
Finish decrypt
Ends the decryption process of long messages of data in chunks with one of the AES keys in the symmetric key
table. It must be used in combination with the start decrypt and the process decrypt commands.
STSAFE-A120
Command sets
DS14609 - Rev 1
page 17/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com