Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSA5059ATS Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TSA5059ATS
Description  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059ATS Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TSA5059ATS Datasheet HTML 12Page - NXP Semiconductors TSA5059ATS Datasheet HTML 13Page - NXP Semiconductors TSA5059ATS Datasheet HTML 14Page - NXP Semiconductors TSA5059ATS Datasheet HTML 15Page - NXP Semiconductors TSA5059ATS Datasheet HTML 16Page - NXP Semiconductors TSA5059ATS Datasheet HTML 17Page - NXP Semiconductors TSA5059ATS Datasheet HTML 18Page - NXP Semiconductors TSA5059ATS Datasheet HTML 19Page - NXP Semiconductors TSA5059ATS Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
2000 Oct 24
16
Philips Semiconductors
Product specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059A
handbook, full pagewidth
TSA5059A
FCE715
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1.2 k
Ω
18 pF
4 MHz
TSA5059A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1.0 nF
Fig.5 Application for using one crystal with two TSA5059As.
I2C-bus crosstalk
The TSA5059A includes a loop amplifier that requires an
external NPN transistor. Care should be taken in the layout
of the application to ground the emitter of the NPN
transistor as close as possible to the ground of the VCO.
The best way to avoid any I2C-bus crosstalk in the
application (i.e. parasitic coupling between the I2C-bus
lines and the VCO coil) is to avoid the I2C-bus signal to
come in the RF part by using an I2C-bus gate that allows
only the messages for the PLL to go to the PLL and to
avoid unnecessary repeated sending. Such a gate is
integrated in most of the Philips digital demodulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com