Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917-E/P Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16F917-E/P
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917-E/P Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16F917-E/P Datasheet HTML 74Page - Microchip Technology PIC16F917-E/P Datasheet HTML 75Page - Microchip Technology PIC16F917-E/P Datasheet HTML 76Page - Microchip Technology PIC16F917-E/P Datasheet HTML 77Page - Microchip Technology PIC16F917-E/P Datasheet HTML 78Page - Microchip Technology PIC16F917-E/P Datasheet HTML 79Page - Microchip Technology PIC16F917-E/P Datasheet HTML 80Page - Microchip Technology PIC16F917-E/P Datasheet HTML 81Page - Microchip Technology PIC16F917-E/P Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 76
© 2007 Microchip Technology Inc.
3.7
PORTE and TRISE Registers
PORTE is a 1-bit, 4-bit or 8-bit port with Schmitt Trigger
input buffers. RE<7:4, 2:0> are individually configured as
inputs or outputs and RE3 is only available as an input if
MCLRE is ‘0’ in Configuration Word (Register 16-1).
RE<2:0> are only available on the PIC16F914/917 and
PIC16F946. RE<7:4> are only available on the
PIC16F946.
EXAMPLE 3-5:
INITIALIZING PORTE
BANKSEL PORTE
;
CLRF
PORTE
;Init PORTE
BANKSEL TRISE
;
MOVLW
0Fh
;Set RE<3:0> as inputs
MOVWF
TRISE
;
CLRF
ANSEL
;Make RE<2:0> as I/O’s
REGISTER 3-12:
PORTE: PORTE REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R-x
R/W-x
R/W-x
R/W-x
RE7(1,3)
RE6(1,3)
RE5(1,3)
RE4(1,3)
RE3
RE2(2,4)
RE1(2,4)
RE0(2,4)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
RE<7:0>: PORTE I/O Pin bits
1
= Port pin is >VIH min.
0
= Port pin is <VIL max.
Note 1:
PIC16F946 only.
2:
PIC16F914/917 and PIC16F946 only.
3:
PIC16F91X, Read as ‘0’.
4:
PIC16F913/916, Read as ‘0’.
REGISTER 3-13:
TRISE: PORTE TRI-STATE REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R-1
R/W-1
R/W-1
R/W-1
TRISE7(1,3)
TRISE6(1,3)
TRISE5(1,3)
TRISE4(1,3)
TRISE3
TRISE2(2,4)
TRISE1(2,4)
TRISE0(2,4)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
TRISE<7:0>: PORTE Tri-State Control bits
1
= PORTE pin configured as an input (tri-stated)
0
= PORTE pin configured as an output
Note 1:
PIC16F946 only.
2:
PIC16F914/917 and PIC16F946 only.
3:
PIC16F91X, Read as ‘0’.
4:
PIC16F913/916, Read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com