Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F609-E/P Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC12F609-E/P
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/P Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC12F609-E/P Datasheet HTML 82Page - Microchip Technology PIC12F609-E/P Datasheet HTML 83Page - Microchip Technology PIC12F609-E/P Datasheet HTML 84Page - Microchip Technology PIC12F609-E/P Datasheet HTML 85Page - Microchip Technology PIC12F609-E/P Datasheet HTML 86Page - Microchip Technology PIC12F609-E/P Datasheet HTML 87Page - Microchip Technology PIC12F609-E/P Datasheet HTML 88Page - Microchip Technology PIC12F609-E/P Datasheet HTML 89Page - Microchip Technology PIC12F609-E/P Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 168 page
background image
PIC12F609/615/12HV609/615
DS41302A-page 84
Preliminary
© 2006 Microchip Technology Inc.
FIGURE 10-6:
EXAMPLE PWM (ENHANCED MODE) OUTPUT RELATIONSHIPS (ACTIVE-HIGH
STATE)
FIGURE 10-7:
EXAMPLE ENHANCED PWM OUTPUT RELATIONSHIPS (ACTIVE-LOW STATE)
0
Period
00
10
Signal
PR2+1
P1M<1:0>
P1A Modulated
P1A Modulated
P1B Modulated
P1A Active
P1B Inactive
P1C Inactive
P1D Modulated
P1A Inactive
Pulse
Width
(Single Output)
(Half-Bridge)
Delay(1)
Delay(1)
Relationships:
•
Period = 4 * TOSC * (PR2 + 1) * (TMR2 Prescale Value)
•
Pulse Width = TOSC * (CCPR1L<7:0>:CCP1CON<5:4>) * (TMR2 Prescale Value)
•
Delay = 4 * TOSC * (PWM1CON<6:0>)
Note
1:
Dead-band delay is programmed using the PWM1CON register (Section 10.4.5 “Programmable Dead-Band Delay
mode”).
0
Period
00
10
Signal
PR2+1
P1M<1:0>
P1A Modulated
P1A Modulated
P1B Modulated
P1A Active
P1B Inactive
P1C Inactive
P1D Modulated
Pulse
Width
(Single Output)
(Half-Bridge)
Delay(1)
Delay(1)
Relationships:
•
Period = 4 * TOSC * (PR2 + 1) * (TMR2 Prescale Value)
•
Pulse Width = TOSC * (CCPR1L<7:0>:CCP1CON<5:4>) * (TMR2 Prescale Value)
•
Delay = 4 * TOSC * (PWM1CON<6:0>)
Note
1:
Dead-band delay is programmed using the PWM1CON register (Section 10.4.5 “Programmable Dead-Band Delay
mode”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com