Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSA5060ATS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TSA5060ATS
Description  1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5060ATS Datasheet(HTML) 5 Page - NXP Semiconductors

  TSA5060ATS Datasheet HTML 1Page - NXP Semiconductors TSA5060ATS Datasheet HTML 2Page - NXP Semiconductors TSA5060ATS Datasheet HTML 3Page - NXP Semiconductors TSA5060ATS Datasheet HTML 4Page - NXP Semiconductors TSA5060ATS Datasheet HTML 5Page - NXP Semiconductors TSA5060ATS Datasheet HTML 6Page - NXP Semiconductors TSA5060ATS Datasheet HTML 7Page - NXP Semiconductors TSA5060ATS Datasheet HTML 8Page - NXP Semiconductors TSA5060ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2000 Oct 24
5
Philips Semiconductors
Product specification
1.3 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5060A
PINNING
SYMBOL
PIN
DESCRIPTION
CP
1
charge pump output
XTAL
2
crystal oscillator input
XT/COMP
3
fxtal or fcomp signal output
AS
4
I2C-bus address selection input
SDA
5
I2C-bus serial data input/output
SCL
6
I2C-bus serial clock input
P3
7
general purpose output Port 3
P2
8
general purpose input/output Port 2
P1
9
general purpose input/output Port 1
P0
10
general purpose input/output Port 0
ADC
11
analog-to-digital converter input
VCC
12
supply voltage
RFA
13
RF signal input A
RFB
14
RF signal input B
GND
15
ground
DRIVE
16
external NPN drive output
handbook, halfpage
TSA5060A
FCE718
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CP
XTAL
XT/COMP
AS
SDA
SCL
P3
P2
P1
P0
ADC
VCC
RFA
RFB
GND
DRIVE
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
The TSA5060A contains all the necessary elements
except a reference source, a loop filter and an external
NPN transistor to control a varicap tuned local oscillator
forming a phase locked loop frequency synthesized
source. The IC is designed in a high speed process with a
fast phase detector to allow a high comparison frequency
to reach a low phase noise level on the oscillator.
The block diagram is shown in Fig.1. The RF signal is
applied at pins RFA and RFB. The input preamplifier
provides a good sensitivity. The output of the preamplifier
is fed to the 17-bit programmable divider either through a
divide-by-two prescaler or directly. Because of the internal
high speed process, the RF divider is working at a
frequency up to 1.3 GHz, without the need for the
divide-by-two prescaler to be used.
The output of the 17-bit programmable divider fDIV is fed
into the phase comparator, where it is compared in both
phase and frequency with the comparison frequency fcomp.
This frequency is derived from the signal present at
pin XTAL, fxtal, divided down in the reference divider. It is
possible either to connect a quartz crystal to pin XTAL and
then using the on-chip crystal oscillator, or to feed this pin
with a reference signal from an external source.
The reference divider can have a dividing ratio selected
from 16 different values between 2 and 320, including the
ratio 24 to cope with the offset requirement of the UK-DTT
system, see Table 8.
The output of the phase comparator drives the
charge pump and the loop amplifier section. This amplifier
requires the use of an external NPN transistor. Pin CP is
the output of the charge pump, and pin DRIVE is
connected to the base of the external transistor. This
transistor has its emitter grounded and the collector drives
the tuning voltage to the varicap diode of the Voltage
Controlled Oscillator (VCO). The loop filter has to be
connected between pin CP and the collector of the
external NPN transistor (see Fig.4).
It is also possible to drive another PLL synthesizer, or the
clock input of a digital demodulation IC, from
pin XT/COMP. It is possible to select by software either
fxtal, the crystal oscillator frequency or fcomp, the frequency
present after the reference divider. It is also possible to
switch off this output, in case it is not used.
For test and alignment purposes, it is possible to release
the drive output to be able to apply an external voltage on
it, to select one of the three charge pump test modes, and
to monitor half the fDIV at Port P0. See Table 10 for all
possible modes.
Four open-collector output ports are provided on the IC for
general purpose; three of these can also be used as input
ports. A 3-bit ADC is also available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com