Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/LSQTP Datasheet(PDF) 247 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 247 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 243Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 244Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 245Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 246Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 247Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 248Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 249Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 250Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 251Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 245
PIC18FXX8
To
calculate
the
minimum
acquisition
time,
Equation 20-1 may be used. This equation assumes
that 1/2 LSb error is used (1024 steps for the A/D). The
1/2 LSb error is the maximum error allowed for the A/D
to meet its specified resolution.
Example 20-1 shows the calculation of the minimum
required acquisition time TACQ. This calculation is
based on the following application system assumptions:
•CHOLD
=
120 pF
• Rs
=
2.5 k
Ω
• Conversion Error
≤
1/2 LSb
•VDD
=
5V
→ Rss = 7 kΩ
• Temperature
=
50
°C (system max.)
•VHOLD
=0V @ time = 0
EQUATION 20-1:
ACQUISITION TIME
EQUATION 20-2:
A/D MINIMUM CHARGING TIME
EXAMPLE 20-1:
CALCULATING THE MINIMUM REQUIRED ACQUISITION TIME
TACQ
=
Amplifier Settling Time + Holding Capacitor Charging Time + Temperature Coefficient
=TAMP + TC + TCOFF
VHOLD
=
(VREF – (VREF/2048)) • (1 – e(-Tc/C
HOLD
(RIC + RSS + RS)))
or
Tc
=
-(120 pF)(1 k
Ω + RSS + RS) ln(1/2047)
TACQ
=TAMP + TC + TCOFF
Temperature coefficient is only required for temperatures > 25
°C.
TACQ
=2
μs + TC + [(Temp – 25°C)(0.05 μs/°C)]
TC
=-CHOLD (RIC + RSS + RS) ln(1/2047)
-120 pF (1 k
Ω + 7 kΩ + 2.5 kΩ) ln(0.0004885)
-120 pF (10.5 k
Ω) ln(0.0004885)
-1.26
μs (-7.6241)
9.61
μs
TACQ
=2
μs + 9.61 μs + [(50°C – 25°C)(0.05 μs/°C)]
11.61
μs + 1.25 μs
12.86
μs
Note:
When using external voltage references with the A/D converter, the source impedance of the external
voltage references must be less than 20
Ω to obtain the specified A/D resolution. Higher reference source
impedances will increase both offset and gain errors. Resistive voltage dividers will not provide a sufficiently
low source impedance.
To maintain the best possible performance in A/D conversions, external VREF inputs should be buffered with
an operational amplifier or other low output impedance circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com