Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/LSQTP Datasheet(PDF) 250 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 250 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 246Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 247Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 248Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 249Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 250Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 251Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 252Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 253Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 254Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 402 page
background image
PIC18FXX8
DS41159E-page 248
© 2006 Microchip Technology Inc.
20.5
Use of the ECCP Trigger
An A/D conversion can be started by the “special event
trigger” of the ECCP module. This requires that the
ECCP1M3:ECCP1M0 bits (ECCP1CON<3:0>) be pro-
grammed as ‘1011’ and that the A/D module is enabled
(ADON bit is set). When the trigger occurs, the GO/
DONE bit will be set, starting the A/D conversion and the
Timer1 (or Timer3) counter will be reset to zero. Timer1
(or Timer3) is reset to automatically repeat the A/D
acquisition period with minimal software overhead
(moving ADRESH/ADRESL to the desired location). The
appropriate analog input channel must be selected and
the minimum acquisition done before the “special event
trigger” sets the GO/DONE bit (starts a conversion).
If the A/D module is not enabled (ADON is cleared), the
“special event trigger” will be ignored by the A/D module
but will still reset the Timer1 (or Timer3) counter.
FIGURE 20-4:
A/D CONVERSION TAD CYCLES
TABLE 20-3:
SUMMARY OF A/D REGISTERS
TAD1 TAD2 TAD3 TAD4 TAD5 TAD6 TAD7 TAD8
TAD11
Set GO bit
Holding capacitor is disconnected from analog input
b9
b8
b7
b6
b5
b4
b3
b2
TAD9 TAD10
b1
b0
TCY - TAD
Next Q4: ADRESH/ADRESL is loaded, GO bit is cleared,
ADIF bit is set, holding capacitor is connected to analog input.
Conversion Starts
b0
(typically 100 ns)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
1111 1111
1111 1111
PIR2
—CMIF(1)
—EEIF
BCLIF
LVDIF
TMR3IF
ECCP1IF(1) -0-0 0000 -0-0 0000
PIE2
—CMIE(1)
—EEIE
BCLIE
LVDIE
TMR3IE
ECCP1IE(1) -0-0 0000 -0-0 0000
IPR2
—CMIP(1)
—EEIP
BCLIP
LVDIP
TMR3IP
ECCP1IP(1) -1-1 1111 -1-1 1111
ADRESH
A/D Result Register
xxxx xxxx
uuuu uuuu
ADRESL
A/D Result Register
xxxx xxxx
uuuu uuuu
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—ADON
0000 00-0
0000 00-0
ADCON1
ADFM
ADCS2
—
—
PCFG3
PCFG2
PCFG1
PCFG0
00-- 0000
00-- 0000
PORTA
—
RA6
RA5
RA4
RA3
RA2
RA1
RA0
-x0x 0000
-u0u 0000
TRISA
—
PORTA Data Direction Register
-111 1111
-111 1111
PORTE
—
—
—
—
—
RE2
RE1
RE0
---- -xxx
---- -000
LATE
—
—
—
—
—
LATE2
LATE1
LATE0
---- -xxx
---- -uuu
TRISE
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
0000 -111
0000 -111
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used for A/D conversion.
Note
1:
These bits are reserved on PIC18F2X8 devices; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com