Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64338024S Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HD64338024S
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338024S Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HD64338024S Datasheet HTML 19Page - Renesas Technology Corp HD64338024S Datasheet HTML 20Page - Renesas Technology Corp HD64338024S Datasheet HTML 21Page - Renesas Technology Corp HD64338024S Datasheet HTML 22Page - Renesas Technology Corp HD64338024S Datasheet HTML 23Page - Renesas Technology Corp HD64338024S Datasheet HTML 24Page - Renesas Technology Corp HD64338024S Datasheet HTML 25Page - Renesas Technology Corp HD64338024S Datasheet HTML 26Page - Renesas Technology Corp HD64338024S Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xxiii of xlii
Item
Page
Revision (See Manual for Details)
16.8.1 Power Supply
Voltage and Operating
Ranges
Analog Power Supply
Voltage and A/D
Converter Operating
Range (System Clock
Oscillator Selected)
509
Figure amended
10.0
1.0
2.7
5.5
AVCC (V)
• Active (high-speed) mode
• Sleep (high-speed) mode
16.8.2 DC
Characteristics
Table 16.21 DC
Characteristics
512, 513
Table amended
Values
Item
Symbol
Applicable Pins
Min
Typ
Max
Unit
Test Condition
Notes
Output low
voltage
VOL
——
0.6
V
VCC = 4.0 V to 5.5 V
IOL = 1.6 mA
P13, P14, P17,
P40 to P42,
P50 to P57,
P60 to P67,
P70 to P77,
P80 to P87,
PA0 to PA3
——
0.5
IOL = 0.4 mA
Values
Item
Symbol
Applicable Pins
Min
Typ
Max
Unit
Test Condition
Notes
Active
mode
current
consump-
tion
IOPE1
VCC
—
0.6
—
mA
Active (high-speed)
mode
VCC = 2.7 V,
fOSC = 2 MHz
*1 *3 *4
Approx.
max. value
= 1.1
×
Typ.
—
1.0
—
*2 *3 *4
Approx.
max. value
= 1.1
×
Typ.
—
0.8
—
Active (high-speed)
mode
VCC = 5 V,
fOSC = 2 MHz
*1 *3 *4
Approx.
max. value
= 1.1
×
Typ.
—
1.5
—
*2 *3 *4
Approx.
max. value
= 1.1
×
Typ.
—
1.6
—
Active (high-speed)
mode
VCC = 5 V,
fOSC = 4 MHz
*1 *3 *4
Approx.
max. value
= 1.1
×
Typ.
—
2.0
—
*2 *3 *4
—
3.3
7.0
*1 *3 *4
—
4.0
7.0
Active (high-speed)
mode
VCC = 5 V,
fOSC = 10 MHz
*2 *3 *4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com