Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/PSQTP Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC18F258-I/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/PSQTP Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC18F258-I/PSQTP Datasheet HTML 93Page - Microchip Technology PIC18F258-I/PSQTP Datasheet HTML 94Page - Microchip Technology PIC18F258-I/PSQTP Datasheet HTML 95Page - Microchip Technology PIC18F258-I/PSQTP Datasheet HTML 96Page - Microchip Technology PIC18F258-I/PSQTP Datasheet HTML 97Page - Microchip Technology PIC18F258-I/PSQTP Datasheet HTML 98Page - Microchip Technology PIC18F258-I/PSQTP Datasheet HTML 99Page - Microchip Technology PIC18F258-I/PSQTP Datasheet HTML 100Page - Microchip Technology PIC18F258-I/PSQTP Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 95
PIC18FXX8
TABLE 9-1:
PORTA FUNCTIONS
TABLE 9-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit#
Buffer
Function
RA0/AN0/CVREF
bit 0
TTL
Input/output, analog input or analog comparator voltage reference
output.
RA1/AN1
bit 1
TTL
Input/output or analog input.
RA2/AN2/VREF-
bit 2
TTL
Input/output, analog input or VREF-.
RA3/AN3/VREF+
bit 3
TTL
Input/output, analog input or VREF+.
RA4/T0CKI
bit 4
ST/OD
Input/output, external clock input for Timer0, output is open-drain type.
RA5/AN4/SS/LVDIN
bit 5
TTL
Input/output, analog input, slave select input for synchronous serial port
or Low-Voltage Detect input.
OSC2/CLKO/RA6
bit 6
TTL
Oscillator clock output or input/output.
Legend: TTL = TTL input, ST = Schmitt Trigger input, OD = Open-Drain
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
PORTA
—
RA6
RA5
RA4
RA3
RA2
RA1
RA0
-00x 0000
-uuu uuuu
LATA
—
Latch A Data Output Register
-xxx xxxx
-uuu uuuu
TRISA
—
PORTA Data Direction Register
-111 1111
-111 1111
ADCON1
ADFM ADCS2
—
—
PCFG3
PCFG2
PCFG1
PCFG0 00-- 0000 uu-- uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com