Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 201 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 201 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 197Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 198Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 199Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 200Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 201Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 202Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 203Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 204Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 199
PIC18FXX8
19.0
CAN MODULE
19.1
Overview
The Controller Area Network (CAN) module is a serial
interface, useful for communicating with other peripher-
als or microcontroller devices. This interface/protocol
was designed to allow communications within noisy
environments.
The CAN module is a communication controller,
implementing the CAN 2.0 A/B protocol as defined in
the BOSCH specification. The module will support
CAN 1.2, CAN 2.0A, CAN 2.0B Passive and CAN 2.0B
Active versions of the protocol. The module implemen-
tation is a full CAN system. The CAN specification is
not covered within this data sheet. The reader may
refer to the BOSCH CAN specification for further
details.
The module features are as follows:
• Complies with ISO CAN Conformance Test
• Implementation of the CAN protocol CAN 1.2,
CAN 2.0A and CAN 2.0B
• Standard and extended data frames
• 0-8 bytes data length
• Programmable bit rate up to 1 Mbit/sec
• Support for remote frames
• Double-buffered receiver with two prioritized
received message storage buffers
• 6 full (standard/extended identifier) acceptance
filters, 2 associated with the high priority receive
buffer and 4 associated with the low priority
receive buffer
• 2 full acceptance filter masks, one each
associated with the high and low priority receive
buffers
• Three transmit buffers with application specified
prioritization and abort capability
• Programmable wake-up functionality with
integrated low-pass filter
• Programmable Loopback mode supports self-test
operation
• Signaling via interrupt capabilities for all CAN
receiver and transmitter error states
• Programmable clock source
• Programmable link to timer module for
time-stamping and network synchronization
• Low-power Sleep mode
19.1.1
OVERVIEW OF THE MODULE
The CAN bus module consists of a protocol engine and
message buffering and control. The CAN protocol
engine handles all functions for receiving and transmit-
ting messages on the CAN bus. Messages are
transmitted by first loading the appropriate data
registers. Status and errors can be checked by reading
the appropriate registers. Any message detected on
the CAN bus is checked for errors and then matched
against filters to see if it should be received and stored
in one of the 2 receive registers.
The CAN module supports the following frame types:
• Standard Data Frame
• Extended Data Frame
• Remote Frame
• Error Frame
• Overload Frame Reception
• Interframe Space
CAN module uses RB3/CANRX and RB2/CANTX/INT2
pins to interface with CAN bus. In order to configure
CANRX and CANTX as CAN interface:
• bit TRISB<3> must be set;
• bit TRISB<2> must be cleared.
19.1.2
TRANSMIT/RECEIVE BUFFERS
The PIC18FXX8 has three transmit and two receive
buffers, two acceptance masks (one for each receive
buffer) and a total of six acceptance filters. Figure 19-1
is a block diagram of these buffers and their connection
to the protocol engine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com