Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 204 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 204 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 200Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 201Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 202Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 203Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 204Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 205Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 206Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 207Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 402 page
background image
PIC18FXX8
DS41159E-page 202
© 2006 Microchip Technology Inc.
REGISTER 19-2:
CANSTAT: CAN STATUS REGISTER
R-1
R-0
R-0
U-0
R-0
R-0
R-0
U-0
OPMODE2 OPMODE1 OPMODE0
—
ICODE2
ICODE1
ICODE0
—
bit 7
bit 0
bit 7-5
OPMODE2:OPMODE0: Operation Mode Status bits
111
= Reserved
110
= Reserved
101
= Reserved
100
= Configuration mode
011
= Listen Only mode
010
= Loopback mode
001
= Disable mode
000
= Normal mode
Note:
Before the device goes into Sleep mode, select Disable mode.
bit 4
Unimplemented: Read as ‘0’
bit 3-1
ICODE2:ICODE0: Interrupt Code bits
When an interrupt occurs, a prioritized coded interrupt value will be present in the
ICODE2:ICODE0 bits. These codes indicate the source of the interrupt. The ICODE2:ICODE0
bits can be copied to the WIN2:WIN0 bits to select the correct buffer to map into the Access
Bank area. See Example 19-1 for code example.
111
= Wake-up on interrupt
110
= RXB0 interrupt
101
= RXB1 interrupt
100
= TXB0 interrupt
011
= TXB1 interrupt
010
= TXB2 interrupt
001
= Error interrupt
000
= No interrupt
bit 0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com