Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 239 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 239 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 235Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 236Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 237Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 238Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 239Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 240Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 241Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 242Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 237
PIC18FXX8
19.12 Error Detection
The CAN protocol provides sophisticated error detection
mechanisms. The following errors can be detected.
19.12.1
CRC ERROR
With the Cyclic Redundancy Check (CRC), the
transmitter calculates special check bits for the bit
sequence, from the start of a frame until the end of the
data field. This CRC sequence is transmitted in the
CRC field. The receiving node also calculates the CRC
sequence using the same formula and performs a
comparison to the received sequence. If a mismatch is
detected, a CRC error has occurred and an error frame
is generated. The message is repeated.
19.12.2
ACKNOWLEDGE ERROR
In the Acknowledge field of a message, the transmitter
checks if the Acknowledge slot (which was sent out as
a recessive bit) contains a dominant bit. If not, no other
node has received the frame correctly. An Acknowl-
edge Error has occurred; an error frame is generated
and the message will have to be repeated.
19.12.3
FORM ERROR
If a node detects a dominant bit in one of the four
segments, including end of frame, interframe space,
Acknowledge delimiter or CRC delimiter, then a Form
Error has occurred and an error frame is generated.
The message is repeated.
19.12.4
BIT ERROR
A Bit Error occurs if a transmitter sends a dominant bit
and detects a recessive bit, or if it sends a recessive bit
and detects a dominant bit, when monitoring the actual
bus level and comparing it to the just transmitted bit. In
the case where the transmitter sends a recessive bit
and a dominant bit is detected during the arbitration
field and the Acknowledge slot, no Bit Error is
generated because normal arbitration is occurring.
19.12.5
STUFF BIT ERROR
If, between the start of frame and the CRC delimiter, six
consecutive bits with the same polarity are detected,
the bit stuffing rule has been violated. A Stuff Bit Error
occurs and an error frame is generated. The message
is repeated.
19.12.6
ERROR STATES
Detected errors are made public to all other nodes via
error frames. The transmission of the erroneous
message is aborted and the frame is repeated as soon
as possible. Furthermore, each CAN node is in one of
the three error states “error-active”, “error-passive” or
“bus-off” according to the value of the internal error
counters. The error-active state is the usual state,
where the bus node can transmit messages and
activate error frames (made of dominant bits) without
any restrictions. In the error-passive state, messages
and passive error frames (made of recessive bits) may
be transmitted. The bus-off state makes it temporarily
impossible for the station to participate in the bus
communication. During this state, messages can
neither be received nor transmitted.
19.12.7
ERROR MODES AND ERROR
COUNTERS
The PIC18FXX8 contains two error counters: the
Receive Error Counter (RXERRCNT) and the Transmit
Error Counter (TXERRCNT). The values of both
counters can be read by the MCU. These counters are
incremented or decremented in accordance with the
CAN bus specification.
The PIC18FXX8 is error-active if both error counters
are below the error-passive limit of 128. It is error-
passive if at least one of the error counters equals or
exceeds 128. It goes to bus-off if the transmit error
counter equals or exceeds the bus-off limit of 256. The
device remains in this state until the bus-off recovery
sequence is received. The bus-off recovery sequence
consists of 128 occurrences of 11 consecutive
recessive bits (see Figure 19-10). Note that the CAN
module, after going bus-off, will recover back to error-
active without any intervention by the MCU if the bus
remains Idle for 128 x 11 bit times. If this is not desired,
the error Interrupt Service Routine should address this.
The current error mode of the CAN module can be read
by the MCU via the COMSTAT register.
Additionally, there is an Error State Warning flag bit,
EWARN, which is set if at least one of the error
counters equals or exceeds the error warning limit of
96. EWARN is reset if both error counters are less than
the error warning limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com