Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 243 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 243 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 239Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 240Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 241Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 242Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 243Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 244Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 245Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 246Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 241
PIC18FXX8
20.0
COMPATIBLE 10-BIT ANALOG-
TO-DIGITAL CONVERTER (A/D)
MODULE
The Analog-to-Digital (A/D) Converter module has five
inputs for the PIC18F2X8 devices and eight for the
PIC18F4X8 devices. This module has the ADCON0
and ADCON1 register definitions that are compatible
with the PICmicro® mid-range A/D module.
The A/D allows conversion of an analog input signal to
a corresponding 10-bit digital number.
The A/D module has four registers. These registers are:
• A/D Result High Register (ADRESH)
• A/D Result Low Register (ADRESL)
• A/D Control Register 0 (ADCON0)
• A/D Control Register 1 (ADCON1)
The ADCON0 register, shown in
Register 20-1,
controls the operation of the A/D module. The
ADCON1 register, shown in Register 20-2, configures
the functions of the port pins.
REGISTER 20-1:
ADCON0: A/D CONTROL REGISTER 0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—ADON
bit 7
bit 0
bit 7-6
ADCS1:ADCS0: A/D Conversion Clock Select bits (ADCON0 bits in bold)
bit 5-3
CHS2:CHS0: Analog Channel Select bits
000
= Channel 0 (AN0)
001
= Channel 1 (AN1)
010
= Channel 2 (AN2)
011
= Channel 3 (AN3)
100
= Channel 4 (AN4)
101
= Channel 5 (AN5)(1)
110
= Channel 6 (AN6)(1)
111
= Channel 7 (AN7)(1)
Note 1: These channels are unimplemented on PIC18F2X8 (28-pin) devices. Do not select
any unimplemented channel.
bit 2
GO/DONE: A/D Conversion Status bit
When ADON = 1:
1
= A/D conversion in progress (setting this bit starts the A/D conversion which is automatically
cleared by hardware when the A/D conversion is complete)
0
= A/D conversion not in progress
bit 1
Unimplemented: Read as ‘0’
bit 0
ADON: A/D On bit
1
= A/D converter module is powered up
0
= A/D converter module is shut-off and consumes no operating current
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
ADCON1
<ADCS2>
ADCON0
<ADCS1:ADCS0>
Clock Conversion
0
00
FOSC/2
0
01
FOSC/8
0
10
FOSC/32
0
11
FRC (clock derived from the internal A/D RC oscillator)
1
00
FOSC/4
1
01
FOSC/16
1
10
FOSC/64
1
11
FRC (clock derived from the internal A/D RC oscillator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com