Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 264 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 264 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 260Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 261Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 262Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 263Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 264Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 265Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 266Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 267Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 268Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 402 page
background image
PIC18FXX8
DS41159E-page 262
© 2006 Microchip Technology Inc.
23.2
Operation
Depending on the power source for the device voltage,
the voltage normally decreases relatively slowly. This
means that the LVD module does not need to be
constantly operating. To decrease the current require-
ments, the LVD circuitry only needs to be enabled for
short periods where the voltage is checked. After doing
the check, the LVD module may be disabled.
Each time that the LVD module is enabled, the circuitry
requires some time to stabilize. After the circuitry has
stabilized, all status flags may be cleared. The module
will then indicate the proper state of the system.
The following steps are needed to set up the LVD
module:
1.
Write the value to the LVDL3:LVDL0 bits
(LVDCON register) which selects the desired
LVD trip point.
2.
Ensure that LVD interrupts are disabled (the
LVDIE bit is cleared or the GIE bit is cleared).
3.
Enable the LVD module (set the LVDEN bit in
the LVDCON register).
4.
Wait for the LVD module to stabilize (the IRVST
bit to become set).
5.
Clear the LVD interrupt flag, which may have
falsely become set, until the LVD module has
stabilized (clear the LVDIF bit).
6.
Enable the LVD interrupt (set the LVDIE and the
GIE bits).
Figure 23-4 shows typical waveforms that the LVD
module may be used to detect.
FIGURE 23-4:
LOW-VOLTAGE DETECT WAVEFORMS
VLVD
VDD
LVDIF
VLVD
VDD
Enable LVD
Internally Generated
TIRVST
LVDIF may not be set
Enable LVD
LVDIF
LVDIF cleared in software
LVDIF cleared in software
LVDIF cleared in software,
CASE 1:
CASE 2:
LVDIF remains set since LVD condition still exists
Reference Stable
Internally Generated
Reference Stable
TIRVST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com