Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 267 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 267 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 263Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 264Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 265Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 266Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 267Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 268Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 269Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 270Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 265
PIC18FXX8
24.0
SPECIAL FEATURES OF
THE CPU
There are several features intended to maximize
system reliability, minimize cost through elimination of
external components, provide power-saving operating
modes and offer code protection. These are:
• Oscillator Selection
• Reset
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts
• Watchdog Timer (WDT)
• Sleep
• Code Protection
• ID Locations
• In-Circuit Serial Programming
All PIC18FXX8 devices have a Watchdog Timer which
is permanently enabled via the configuration bits or
software controlled. It runs off its own RC oscillator for
added reliability. There are two timers that offer
necessary delays on power-up. One is the Oscillator
Start-up Timer (OST), intended to keep the chip in
Reset until the crystal oscillator is stable. The other is
the Power-up Timer (PWRT) which provides a fixed
delay on power-up only, designed to keep the part in
Reset while the power supply stabilizes. With these two
timers on-chip, most applications need no external
Reset circuitry.
Sleep mode is designed to offer a very Low-Current
Power-Down mode. The user can wake-up from Sleep
through external Reset, Watchdog Timer wake-up or
through an interrupt. Several oscillator options are also
made available to allow the part to fit the application.
The RC oscillator option saves system cost while the
LP crystal option saves power. A set of configuration
bits is used to select various options.
24.1
Configuration Bits
The configuration bits can be programmed (read as ‘0’)
or left unprogrammed (read as ‘1’), to select various
device configurations. These bits are mapped starting
at program memory location 300000h.
The user will note that address 300000h is beyond the
user program memory space. In fact, it belongs to the
configuration
memory
space
(300000h-3FFFFFh)
which can only be accessed using table reads and
table writes.
Programming the Configuration registers is done in a
manner similar to programming the Flash memory. The
EECON1 register WR bit starts a self-timed write to the
Configuration register. In normal operation mode, a
TBLWT
instruction, with the TBLPTR pointed to the
Configuration register, sets up the address and the
data for the Configuration register write. Setting the WR
bit starts a long write to the Configuration register. The
Configuration registers are written a byte at a time. To
write or erase a configuration cell, a TBLWT instruction
can write a ‘1’ or a ‘0’ into the cell.
TABLE 24-1:
CONFIGURATION BITS AND DEVICE IDS
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default/
Unprogrammed
Value
300001h
CONFIG1H
—
—
OSCSEN
—
—
FOSC2
FOSC1
FOSC0
--1- -111
300002h
CONFIG2L
—
—
—
—
BORV1
BORV0
BOREN
PWRTEN
---- 1111
300003h
CONFIG2H
—
—
—
—
WDTPS2
WDTPS1
WDTPS0
WDTEN
---- 1111
300006h
CONFIG4L
DEBUG
—
—
—
—LVP
—STVREN
1--- -1-1
300008h
CONFIG5L
—
—
—
—CP3
CP2
CP1
CP0
---- 1111
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
11-- ----
30000Ah
CONFIG6L
—
—
—
—
WRT3
WRT2
WRT1
WRT0
---- 1111
30000Bh
CONFIG6H
WRTD
WRTB
WRTC
—
—
—
—
—
111- ----
30000Ch
CONFIG7L
—
—
—
—
EBTR3
EBTR2
EBTR1
EBTR0
---- 1111
30000Dh
CONFIG7H
—
EBTRB
—
—
—
—
—
—
-1-- ----
3FFFFEh
DEVID1
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
(1)
3FFFFFh
DEVID2
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
0000 1000
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented, read as ‘0’.
Note
1:
See Register 24-11 for DEVID1 values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com