Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 338 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 338 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 334Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 335Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 336Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 337Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 338Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 339Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 340Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 341Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 342Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 402 page
background image
PIC18FXX8
DS41159E-page 336
© 2006 Microchip Technology Inc.
27.2
DC Characteristics: PIC18FXX8 (Industrial, Extended)
PIC18LFXX8 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic/
Device
Min
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D030
with TTL buffer
VSS
0.15 VDD
VVDD < 4.5V
D030A
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger buffer
RC3 and RC4
VSS
VSS
0.2 VDD
0.3 VDD
V
V
D032
MCLR
VSS
0.2 VDD
V
D032A
OSC1 (in XT, HS and LP modes)
and T1OSI
VSS
0.3 VDD
V
D033
OSC1 (in RC mode)(1)
VSS
0.2 VDD
V
VIH
Input High Voltage
I/O ports:
D040
with TTL buffer
0.25 VDD + 0.8V
VDD
VVDD < 4.5V
D040A
2.0
VDD
V4.5V
≤ VDD ≤ 5.5V
D041
with Schmitt Trigger buffer
RC3 and RC4
0.8 VDD
0.7 VDD
VDD
VDD
V
V
D042
MCLR
0.8 VDD
VDD
V
D042A
OSC1 (in XT, HS and LP modes)
and T1OSI
0.7 VDD
VDD
V
D043
OSC1 (RC mode)(1)
0.9 VDD
VDD
V
IIL
Input Leakage Current(2,3)
D060
I/O ports
—
±1
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
D061
MCLR
—
±5
μA Vss ≤ VPIN ≤ VDD
D063
OSC1
—
±5
μA Vss ≤ VPIN ≤ VDD
IPU
Weak Pull-up Current
D070
IPURB
PORTB weak pull-up current
50
450
μAVDD = 5V, VPIN = VSS
Note 1:
In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PICmicro® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com