Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 339 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 339 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 335Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 336Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 337Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 338Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 339Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 340Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 341Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 342Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 337
PIC18FXX8
VOL
Output Low Voltage
D080
I/O ports
—
0.6
V
IOL = 8.5 mA, VDD = 4.2V,
-40
°C to +85°C
D080A
—
0.6
V
IOL = 7.0 mA, VDD = 4.2V,
-40
°C to +125°C
D083
OSC2/CLKO
(RC mode)
—0.6
V
IOL = 1.6 mA, VDD = 4.2V,
-40
°C to +85°C
D083A
—
0.6
V
IOL = 1.2 mA, VDD = 4.2V,
-40
°C to +125°C
VOH
Output High Voltage(3)
D090
I/O ports
VDD – 0.7
—
V
IOH = -3.0 mA, VDD = 4.2V,
-40
°C to +85°C
D090A
VDD – 0.7
—
V
IOH = -2.5 mA, VDD = 4.2V,
-40
°C to +125°C
D092
OSC2/CLKO
(RC mode)
VDD – 0.7
—
V
IOH = -1.3 mA, VDD = 4.2V,
-40
°C to +85°C
D092A
VDD – 0.7
—
V
IOH = -1.0 mA, VDD = 4.2V,
-40
°C to +125°C
D150
VOD
Open-Drain High Voltage
—
7.5
V
RA4 pin
Capacitive Loading Specs on
Output Pins
D101
CIO
All I/O pins and OSC2
(in RC mode)
—
50
pF
To meet the AC Timing
Specifications
D102
CB
SCL, SDA
—
400
pF
In I2C™ mode
27.2
DC Characteristics: PIC18FXX8 (Industrial, Extended)
PIC18LFXX8 (Industrial) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic/
Device
Min
Max
Units
Conditions
Note 1:
In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PICmicro® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com