Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR221 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # LR221
Description  BLUE OVAL LAMP LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LR221 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button LR221 Datasheet HTML 4Page - Seoul Semiconductor LR221 Datasheet HTML 5Page - Seoul Semiconductor LR221 Datasheet HTML 6Page - Seoul Semiconductor LR221 Datasheet HTML 7Page - Seoul Semiconductor LR221 Datasheet HTML 8Page - Seoul Semiconductor LR221 Datasheet HTML 9Page - Seoul Semiconductor LR221 Datasheet HTML 10Page - Seoul Semiconductor LR221 Datasheet HTML 11Page - Seoul Semiconductor LR221 Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
-8-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<060712> Rev. 0.1
LB700D
7. BIN CODE DESCRIPTION
2
1
T
Forward Voltage
Color Ranks
Intensity
BIN CODE
800
600
U
450
300
S
600
450
T
Max.
Min.
BIN
CODE
Intensity (mcd)
@ I
F = 20mA
3.2
3.0
0
4.0
3.8
4
3.6
3.4
2
3.8
3.6
3
3.4
3.2
1
Max.
Min.
BIN
CODE
Forward Voltage (V)
@ I
F = 20mA
476
470
2
470
464
1
Max.
Min.
BIN
CODE
Dominant Wavelength (nm)
@ I
F = 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com