Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UAA3522HL Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UAA3522HL
Description  Low power dual-band GSM transceiver with an image rejecting front-end
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA3522HL Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UAA3522HL Datasheet HTML 17Page - NXP Semiconductors UAA3522HL Datasheet HTML 18Page - NXP Semiconductors UAA3522HL Datasheet HTML 19Page - NXP Semiconductors UAA3522HL Datasheet HTML 20Page - NXP Semiconductors UAA3522HL Datasheet HTML 21Page - NXP Semiconductors UAA3522HL Datasheet HTML 22Page - NXP Semiconductors UAA3522HL Datasheet HTML 23Page - NXP Semiconductors UAA3522HL Datasheet HTML 24Page - NXP Semiconductors UAA3522HL Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2000 Feb 18
21
Philips Semiconductors
Objective specification
Low power dual-band GSM transceiver
with an image rejecting front-end
UAA3522HL
SERIAL TIMING CHARACTERISTICS
General conditions: VCC = 2.8 V; Tamb =25 °C; see Fig.6; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Serial programming clock (pin CLK)
tr
rise time
−
10
40
ns
tf
fall time
−
10
40
ns
Tcy(clk)
clock cycle time
100
−−
ns
Enable programming (pin EN)
td(ENL-CLKH)
delay from enable active to rising clock edge
40
−−
ns
td(CLKL-ENH)
delay from enable inactive to last falling clock edge
20
−−
ns
tW(reg)(min)
minimum inactive pulse width when consecutively programming
two different registers
150
−−
ns
tW(IFLO)(min)
minimum inactive pulse width when consecutively programming
two IF divider ratios
150
−−
ns
tW(RFLO)(min)
minimum inactive pulse width when consecutively programming
two RF divider ratios
500
−−
ns
tsu(ENH-CLKH)
enable set-up time to next rising clock edge
20
−−
ns
Register serial input data (pin DATA)
tsu(DATA-CLK)
set-up time DATA to CLK
20
−−
ns
th(DATA-CLK)
hold time DATA to CLK
20
−−
ns
handbook, full pagewidth
FCA042
MSB
LSB
ACTIVE
INACTIVE
ADDRESS
td(ENL-CLKH)
td(CLKL-ENH)
tsu(ENH-CLKH)
tsu(DATA-CLK)
th(DATA-CLK)
Tcy(CLK)
tr
tf
tW
CLK
DATA
EN
Fig.6 Serial bus timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com