| Electronic Components Datasheet Search |
|
STW5094ADT Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5094ADT Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 51 page ![]() 9/51 STw5094A 2 DEVICE OPERATION 2.1 Power on Initialization, Software Reset When power is first applied, the “power on reset” circuitry initializes STw5094A and puts it into the power down state. All the Registers are initialized as indicated in the Control Register description section. All the functions are disabled. The registers can also be initialized to the default state by writing bit SRS (software reset) in CR21. 2.2 Power up ⁄ down control It is recommended that all programmable functions (excluding the gain controls, bass-treble controls and dynamic compression function) are set while the device is powered down. Power state control can then be included in the last programming instruction (the power up bit PU is located in the last address register (CR21) so that the multi-byte mode of the control interface can be easily used to program all the required functions before power up). When a power up command is given, all the circuits needed for the selected mode are activated (in Voice mode the DX output will remain in the high impedance state until the second FS pulse after power up ar- rives). A built-in power consumption management function keeps in power down the blocks that are not needed by the selected operating mode. 2.3 Power down state Following a period of activity, power down state may be reentered by writing 0 in bit PU in CR21. All the Control Registers remain in their current state and can be changed by I2C control interface. In addition to the power down instruction, the detection of absence of the current Master Clock (no transition detected) automatically puts the device in power down state without setting bit PU. If transitions on the master clock are detected the device is put again in power up. 2.4 Voice Transmit section This section is active in Voice Mode. Voice Transmit analog preamplifier gain is designed in two stages to enable gains up to 42.5 dB. Stage 1 provides a selectable 0 or 20 dB gain via bit PG in CR4. Stage 2 is a programmable gain amplifier which provides from 0 to 22.5 dB of additional gain in 1.5dB step. It can be programmed with bits TXA in CR4. Three microphone inputs are provided, two differential (MIC1P ⁄ N, MIC2P ⁄ N) and one single ended (MIC3). They may also be used connect an auxiliary audio circuit. The microphone input or Transmit Mute is selected with bits MS in CR4. In the Mute case, the analog transmit signal is grounded. A separate MBIAS output can be used to bias a microphone (bit MB in CR4). An active anti-alias filter then precedes the single bit Σ∆ analog to digital converter that is followed by an 8th order IIR digital TX channel filter. The TX channel filter is band-pass if the FS frequency is 8kHz and low-pass if the FS frequency is 16kHz (bit VFS in CR0). A precision on chip voltage reference ensures accurate and highly stable transmission levels. Any offset voltage arising in the analog blocks is cancelled by an internal autozero circuit. Voice data is sent to the PCM I ⁄ F to be serially sent to DX output. 2.5 Voice Receive section This section is active in Voice Mode. Voice Data coming from PCM I ⁄ F DR pin is sent to the 8th order digital IIR RX channel filter. The filter can be selected to be band-pass or low-pass, with bit HPB in CR5, when FS frequency is 8kHz, while it is always low-pass when FS frequency is 16kHz. The filter is followed by a Σ∆ digital to analog converter and a 3rd order switched-capacitor reconstruction filter. The Sidetone can be summed to the received signal (bit SI in CR5) and its amplitude can be programmed with bits SA in CR5. 2.6 Stereo Audio DAC section This section is active in Audio Mode. The Left and Right Audio samples coming from the Audio Interface are interpolated with an FIR filter and synchronized to the AMCK clock in order to feed the oversampled multi-bit Σ∆ modulator, the digital to analog converter is followed by a 3rd order switched-capacitor recon- struction filter. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |