Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPA7002-EVALZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADPA7002-EVALZ
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002-EVALZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPA7002-EVALZ Datasheet HTML 3Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 4Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 5Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 6Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 7Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 8Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 9Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 10Page - Analog Devices ADPA7002-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADPA7002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 7 of 20
Figure 10. Gain and Return Loss vs. Frequency
Figure 11. Gain vs. Frequency for Various Drain Voltages
Figure 12. Input Return Loss vs. Frequency for Various Temperatures, VDD =
5 V, IDQ = 700 mA
Figure 13. Gain vs. Frequency for Various Temperatures
Figure 14. Gain vs. Frequency for Various Quiescent Drain Currents
Figure 15. Input Return Loss vs. Frequency for Various Drain Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com