Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPA7002AEHZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA7002AEHZ
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002AEHZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA7002AEHZ Datasheet HTML 12Page - Analog Devices ADPA7002AEHZ Datasheet HTML 13Page - Analog Devices ADPA7002AEHZ Datasheet HTML 14Page - Analog Devices ADPA7002AEHZ Datasheet HTML 15Page - Analog Devices ADPA7002AEHZ Datasheet HTML 16Page - Analog Devices ADPA7002AEHZ Datasheet HTML 17Page - Analog Devices ADPA7002AEHZ Datasheet HTML 18Page - Analog Devices ADPA7002AEHZ Datasheet HTML 19Page - Analog Devices ADPA7002AEHZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Data Sheet
ADPA7002
APPLICATIONS INFORMATION
analog.com
Rev. A | 18 of 20
Figure 56. Turn On—HMC980LP4E Outputs to the ADPA7002
Figure 57. Turn Off—HMC980LP4E Outputs to the ADPA7002
Constant Drain Current Biasing vs. Constant
Gate Voltage Biasing
The HMC980LP4E uses closed loop feedback to continuously ad-
just VGATE to maintain a constant gate current bias over dc supply
variation, temperature variation, and part to part variation. The
constant drain current bias method reduces calibration procedure
time and maintains consistent performance over time.
In comparison to a constant gate voltage bias where the current
increases when RF power is applied, a constant drain current has
a slightly lower output P1dB. RF performance is lower due to a
lower drain current at high input power levels as the HMC980LP4E
reaches 1 dB compression.
The output P1dB performance for the constant drain current bias
improves if the bias current setpoint is increased. By increasing
the bias current setpoint to approximately 1 A (see Figure 61), the
output P1dB and output power increases up to the level achievable
with constant gate voltage biasing. Figure 59 shows a POUT vs. an
input power (PIN) response with a constant current bias where the
bias current setpoint has increased.
The current and temperature limit of IDD under the constant current
operation is typically set by the thermal limitations in the absolute
maximum ratings table (see Table 5) and by the maximum contin-
uous power dissipation specification. Increasing the IDD does not
indefinitely increase the output P1dB as the power dissipation
increases. Therefore, consider the trade-off between power dissi-
pation and output P1dB performance when using constant drain
current biasing.
Testing the HMC980LP4E
After biasing the ADPA7002 with the HMC980LP4E at the applica-
tion nodes, compare the results to Figure 58 through Figure 61 to
verify that the biasing procedure is correct. Note the measurements
in Figure 58 through Figure 61 are of the die (the ADPA7002CHIP),
but the ADPA7002 measurements are similar.
Figure 58. IDD vs. PIN, VDD = 5 V, Frequency = 32 GHz, Constant Current Bias
and Constant Voltage Bias
Figure 59. POUT vs. PIN, VDD = 5 V, Frequency = 32 GHz, Constant Current
Bias and Constant Voltage Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com