Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1245441 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1245441
Description  ST-Z0077X - Metal protective cap
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1245441 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1245441 Datasheet HTML 1Page - PHOENIX CONTACT 1245441 Datasheet HTML 2Page - PHOENIX CONTACT 1245441 Datasheet HTML 3Page - PHOENIX CONTACT 1245441 Datasheet HTML 4Page - PHOENIX CONTACT 1245441 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Metal protective cap, degree of protection: IP67, series: ST, Item is lead-free in accordance with
RoHS II without Exemption 6c (Pb < 0.1 %)
Commercial data
Item number
1245441
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
ABRGAA
GTIN
4063151428686
Weight per piece (including packing)
32.99 g
Weight per piece (excluding packing)
32.62 g
Country of origin
DE
ST-Z0077X - Metal protective cap
1245441
https://www.phoenixcontact.com/us/products/1245441
Sep 10, 2024, 4:30 AM
Page 1 (5)


Similar Part No. - 1245441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1245442 PHOENIX-1245442 Datasheet
237Kb / 5P
SM-Z0077X - Metal protective cap
1245449 PHOENIX-1245449 Datasheet
238Kb / 5P
SH-Z0077X - Metal protective cap
More results

Similar Description - 1245441

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1616069 PHOENIX-1616069 Datasheet
274Kb / 3P
Metal protective cap - ST-Z0014
1604260 PHOENIX-1604260 Datasheet
275Kb / 3P
Metal protective cap - RC-Z2104
1604228 PHOENIX-1604228 Datasheet
193Kb / 3P
Metal protective cap - RC-Z2062
1607776 PHOENIX-1607776 Datasheet
116Kb / 3P
Protective cap - ST-Z0006
1604236 PHOENIX-1604236 Datasheet
193Kb / 3P
Metal protective cap - RC-Z2068
1621904 PHOENIX-1621904 Datasheet
212Kb / 5P
ST-Z0024 - Protective cap
1623828 PHOENIX-1623828 Datasheet
189Kb / 5P
SB-Z0002 - Metal protective cap
1627218 PHOENIX-1627218 Datasheet
241Kb / 5P
SM-Z0077 - Metal protective cap
1622141 PHOENIX-1622141 Datasheet
237Kb / 5P
SH-Z2300 - Metal protective cap
1627224 PHOENIX-1627224 Datasheet
241Kb / 5P
CA-Z0077 - Metal protective cap
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com