Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4334-DS Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4334-DS
Description  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4334-DS Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4334-DS Datasheet HTML 17Page - Cirrus Logic CS4334-DS Datasheet HTML 18Page - Cirrus Logic CS4334-DS Datasheet HTML 19Page - Cirrus Logic CS4334-DS Datasheet HTML 20Page - Cirrus Logic CS4334-DS Datasheet HTML 21Page - Cirrus Logic CS4334-DS Datasheet HTML 22Page - Cirrus Logic CS4334-DS Datasheet HTML 23Page - Cirrus Logic CS4334-DS Datasheet HTML 24Page - Cirrus Logic CS4334-DS Datasheet HTML 25Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
CS4334/5/8/9
DS248F3
21
4.11 High Rate Mode Performance Plots
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
2k
20k
4k
6k
8k
10k
12 k
14 k
16k
18k
Hz
2k
4k
6k
8k
10k
12k
14k
16k
18k
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
Hz
20k
+0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
2k
6k
4k
8k
10k
12k
14k
16k
18k
20k
Hz
-1 40
+0
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
2k
20 k
4k
6k
8k
10k
12 k
14k
16k
18k
Hz
2k
4k
6k
8k
10k
12k
14k
16k
18k
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
Hz
20k
+0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
2k
6k
4k
8k
10k
12k
14k
16k
18k
20k
Hz
(16k FFT of a 1 kHz input signal)
Figure 29. 0 dBFS FFT (HRM)
(16k FFT of a 1 kHz input signal)
Figure 30. -60 dBFS FFT (HRM)
-1 40
+0
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
2k
20k
4k
6k
8k
10k
12 k
14 k
16k
18 k
Hz
2k
4k
6k
8k
10k
12k
14k
16k
18k
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
Hz
20k
+0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
2k
6k
4k
8k
10k
12k
14k
16k
18k
20k
Hz
A udio P rec is ion
08/05/99 11:11:36
D -A CCIF IMD vs AMPLIT UD E
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
2k
20k
4k
6k
8k
10k
12k
14k
16k
18k
Hz
2k
4k
6k
8k
10k
12k
14k
16k
18k
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
Hz
20k
+0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
2k
6k
4k
8k
10k
12k
14k
16k
18k
20k
Hz
(16k FFT with no input signal)
Figure 31. Idle Channel Noise FFT (HRM)
(16k FFT of intermodulation distortion using 13 kHz and 14 kHz input signals)
Figure 32. Twin Tone IMD FFT (HRM)
-110
-60
-100
-90
-80
-70
d
B
r
A
-60
+0
-50
-40
-30
-20
-10
dBFS
-50
-40
-30
-20
-10
dBFS
-60
+0
-110
-100
-90
-80
-70
-60
-110
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
20
50
100
200
500
1k
2k
5k
10k
20k
Hz
100
50
200
500
1k
2k
5k
10k
Hz
20
20k
+0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
(THD+N plots measured using a 1kHz 24-bit dithered input signal)
Figure 33. THD+N vs. Amplitude (HRM)
(THD+N plots measured using a 1kHz 24-bit dithered input signal)
Figure 34. THD+N vs. Frequency (HRM)
All measurements were taken from the CDB4334 evaluation board using the Audio Precision Dual Domain
System Two Cascade.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com