Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5101A Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 30Page - Cirrus Logic CS5101A Datasheet HTML 31Page - Cirrus Logic CS5101A Datasheet HTML 32Page - Cirrus Logic CS5101A Datasheet HTML 33Page - Cirrus Logic CS5101A Datasheet HTML 34Page - Cirrus Logic CS5101A Datasheet HTML 35Page - Cirrus Logic CS5101A Datasheet HTML 36Page - Cirrus Logic CS5101A Datasheet HTML 37Page - Cirrus Logic CS5101A Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
CS5101A CS5102A
34
DS45F6
8.2
Oscillator
CLKIN - Clock Input, PIN 3.
All conversions and calibrations are timed from a master clock which can be externally supplied by
driving CLKIN [this input TTL-compatible, CMOS recommended].
XOUT - Crystal Output, PIN 4.
The master clock can be generated by tying a crystal across the CLKIN and XOUT pins. If an external
clock is used, XOUT must be left floating.
8.3
Digital Inputs
HOLD - Hold, PIN 12.
A falling transition on this pin sets the CS5101A or CS5102A to the hold state and initiates a
conversion. This input must remain low for at least 1/tclk + 20 ns. When operating in Free Run Mode,
HOLD is disabled, and should be tied to DGND or VD+.
CRS/FIN - Coarse Charge/Fine Charge Control, PIN 10.
When brought high during acquisition time, CRS/FIN forces the CS5101A or CS5102A into coarse
charge state. This engages the internal buffer amplifier to track the analog input and charges the
capacitor array much faster, thereby allowing the CS5101A or CS5102A to track high-slewing signals. In
order to get an accurate sample, the last coarse charge period before initiating a conversion (bringing
HOLD low) must be longer than 0.75
µs (CS5101A) or 3.75µs (CS5102A). Similarly, the fine charge
period immediately prior to conversion must be at least 1.125
µs (CS5101A) or 5.625µs (CS5102A). The
CRS/FIN pin must be low during conversion time. For normal operation, CRS/FIN should be tied low, in
which case the CS5101A or CS5102A will automatically enter coarse charge for 6 clock cycles
immediately after the end of conversion.
CH1/2 - Left/Right Input Channel Select, PIN 13.
Status at the end of a conversion cycle determines which analog input channel will be acquired for the
next conversion cycle. When in Free Run Mode, CH1/2 is an output, and will indicate which channel is
being sampled during the current acquisition phase.
SLEEP - Sleep, PIN 28.
When brought low causes the CS5101A or CS5102A to enter a power-down state. All calibration
coefficients are retained in memory, so no recalibration is needed after returning to the normal operating
mode. If using the internal crystal oscillator, time must be allowed after SLEEP returns high for the
crystal oscillator to stabilize. SLEEP should be tied high for normal operation.
CODE - 2's Complement/Binary Coding Select, PIN 16.
Determines whether output data appears in 2's complement or binary format. If high, 2's complement; if
low, binary.
BP/UP - Bipolar/Unipolar Input Range Select, PIN 17.
When low, the CS5101A or CS5102A accepts a unipolar input range from AGND to VREF. When high,
the CS5101A or CS5102A accepts bipolar inputs from -VREF to +VREF.
SCKMOD - Serial Clock Mode Select, PIN 27.
When high, the SCLK pin is an input; when low, it is an output. Used in conjunction with OUTMOD to
select one of 4 output modes described in Table 2.
OUTMOD - Output Mode Select, PIN 18.
The status of SCKMOD and OUTMOD determine which of four output modes is utilized. The four
modes are described in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com