Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPPES-3-1/2-2-010 Datasheet(PDF) 2 Page - Festo Corporation.

Part # MPPES-3-1/2-2-010
Description  Proportional pressure control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

MPPES-3-1/2-2-010 Datasheet(HTML) 2 Page - Festo Corporation.

  MPPES-3-1/2-2-010 Datasheet HTML 1Page - Festo Corporation. MPPES-3-1/2-2-010 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
LABS (PWIS) conformity
VDMA24364-B2-L
Temperature of medium
0 °C ... 60 °C
Degree of protection
IP65
Ambient temperature
0 °C ... 50 °C
Product weight
2670 g
Electrical connection
8-pin
M16x0.75
Plug
as per DIN 45326
Round design
Type of mounting
With through-hole
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Pneumatic connection 3
G1/2
Note on materials
RoHS-compliant
Housing material
Wrought aluminum alloy
Diaphragm material
NBR
10/27/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com