Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5368 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5368_07 Datasheet HTML 28Page - Cirrus Logic CS5368_07 Datasheet HTML 29Page - Cirrus Logic CS5368_07 Datasheet HTML 30Page - Cirrus Logic CS5368_07 Datasheet HTML 31Page - Cirrus Logic CS5368_07 Datasheet HTML 32Page - Cirrus Logic CS5368_07 Datasheet HTML 33Page - Cirrus Logic CS5368_07 Datasheet HTML 34Page - Cirrus Logic CS5368_07 Datasheet HTML 35Page - Cirrus Logic CS5368_07 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
32
DS624F2
CS5368
5. REGISTER MAP
In Control Port Mode, the bits in these registers are used to control all of the programmable features of the ADC. All
registers above 0Ah are RESERVED.
5.1
Register Quick Reference
5.2
00h (REVI) Chip ID Code & Revision Register
Default: See description
The Chip ID Code & Revision Register is used to store the ID and revision of the chip.
Bits[7:4] contain the chip ID, where the CS5368 is represented with a value of 0x8.
Bits[3:0] contain the revision of the chip, where revision A is represented as 0x0, revision B is represented
as 0x1, etc.
5.3
01h (GCTL) Global Mode Control Register
Default: 0x00
The Global Mode Control Register is used to control the Master/Slave Speed modes, the serial audio data
format and the Master clock dividers for all channels. It also contains a Control Port enable bit.
Bit[7] CP-EN manages the Control Port Mode. Until this bit is asserted, all pins behave as if in Stand-Alone
Mode. When this bit is asserted, all pins used in Stand-Alone Mode are ignored, and the corresponding reg-
ister values become functional.
Bit[6] CLKMODE Setting this bit puts the part in 384X mode (divides XTI by 1.5), and clearing the bit in-
vokes 256X mode (divide XTI by 1.0 - pass through).
Adr
Name
765
4
321
0
00
REVI
CHIP-ID[3:0]
REVISION[3:0]
01
GCTL
CP-EN
CLKMODE
MDIV[1:0]
DIF[1:0]
MODE[1:0]
02
OVFL
OVFL8
OVFL7
OVFL6
OVFL5
OVFL4
OVFL3
OVFL2
OVFL1
03
OVFM
OVFM8
OVFM7
OVFM6
OVFM5
OVFM4
OVFM3
OVFM2
OVFM1
04
HPF
HPF8
HPF7
HPF6
HPF5
HPF4
HPF3
HPF2
HPF1
05
RESERVED
-
-
-
-
-
-
-
-
06
PDNE
RESERVED
PDN-BG
PDN-OSC
PDN87
PDN65
PDN43
PDN21
07
RESERVED
-
-
-
-
-
-
-
-
08
MUTE
MUTE8
MUTE7
MUTE6
MUTE5
MUTE4
MUTE3
MUTE2
MUTE1
09
RESERVED
-
-
-
-
-
-
-
-
0A
SDEN
RESERVED
SDEN4
SDEN3
SDEN2
SDEN1
R/W
765
43
210
R
CHIP-ID[3:0]
REVISION[3:0]
R/W
765
43
210
R/W
CP-EN
CLKMODE
MDIV[1:0]
DIF[1:0]
MODE[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com