Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5344 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5344
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5344 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5344 Datasheet HTML 6Page - Cirrus Logic CS5344 Datasheet HTML 7Page - Cirrus Logic CS5344 Datasheet HTML 8Page - Cirrus Logic CS5344 Datasheet HTML 9Page - Cirrus Logic CS5344 Datasheet HTML 10Page - Cirrus Logic CS5344 Datasheet HTML 11Page - Cirrus Logic CS5344 Datasheet HTML 12Page - Cirrus Logic CS5344 Datasheet HTML 13Page - Cirrus Logic CS5344 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
DS687F1
CS5343/4
SYSTEM CLOCKING AND SERIAL AUDIO INTERFACE
Logic “0” = GND = 0 V; Logic “1” = VA, CL = 20 pF.
Parameter
Symbol
Min
Typ
Max
Unit
Master Mode
MCLK Period
(Double-Speed, 384x Mode)
tclkw
24
-
30
ns
(Double-Speed, 192x Mode)
48
-
60
ns
(Double-Speed, 256x Mode)
36
-
45
ns
(Double-Speed, 128x Mode)
72
-
90
ns
(Single-Speed, 768x Mode)
24
-
325
ns
(Single-Speed, 384x Mode)
48
-
651
ns
(Single-Speed, 512x Mode)
36
-
488
ns
(Single-Speed, 256x Mode)
72
-
976
ns
MCLK Duty Cycle
40
50
60
%
Output Sample Rate
(Single-Speed)
(Double-Speed)
Fs
4
86
-
-
54
108
kHz
kHz
LRCK Duty Cycle
-
50
-
%
SCLK Duty Cycle
-
50
-
%
SDOUT valid before SCLK rising
tstp
10
-
-
ns
SDOUT valid after SCLK rising
thld
40
-
-
ns
SCLK falling to LRCK edge
tslrd
-20
-
20
ns
Slave Mode
MCLK Period
(Double-Speed, 384x Mode)
tclkw
24
-
30
ns
(Double-Speed, 192x Mode)
48
-
60
ns
(Double-Speed, 256x Mode)
36
-
45
ns
(Double-Speed, 128x Mode)
72
-
90
ns
(Single-Speed, 768x Mode)
24
-
325
ns
(Single-Speed, 384x Mode)
48
-
651
ns
(Single-Speed, 512x Mode)
36
-
488
ns
(Single-Speed, 256x Mode)
72
-
976
ns
MCLK Duty Cycle
40
50
60
%
Input Sample Rate
(Single-Speed)
(Double-Speed)
Fs
4
86
-
-
54
108
kHz
kHz
LRCK Duty Cycle
405060
%
SCLK Period
tsclkw
--
ns
SCLK Duty Cycle
455055
%
SDOUT valid before SCLK rising
tstp
10
-
-
ns
SDOUT valid after SCLK rising
thld
40
-
-
ns
SCLK falling to LRCK edge
tslrd
-20
-
20
ns
1
64
Fs
×
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com