| Electronic Components Datasheet Search |
|
UMA1002 Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
UMA1002 Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 36 page ![]() 1997 Jan 28 18 Philips Semiconductors Product specification Data processor for cellular radio (DPROC2) UMA1002 Fig.8 Data timing diagrams. (1) The buffer time depends on whether the first or subsequent words are being loaded. (2) The system controller should monitor the TXLINE during bit 0, if the status of TXLINE does not change from a HIGH-to-LOW on the rising edge of TXCLK, then a framing error has occurred. This can be caused by glitches on the clock line or if an arbitration error occurred while the DPROC2 transmit register was being loaded. The system controller should recover the situation by holding TXLINE HIGH and supplying clocks on TXCLK until TXLINE goes LOW. Then the situation should be treated as a normal channel arbitration failure as described in Section “Reverse Control Channel Access Arbitration” - “Abort procedure (see Fig.10)”. (a) DPROC2 to microcontroller link; receive data timing. (b) Microcontroller to DPROC2 link; transmit data timing. Where: th > 100 ns tsu > 500 ns. handbook, full pagewidth MBC769 bit 31 bit 30 bit 29 bit 2 bit 1 bit 0 RWIN t CLK (min) t WAIT RXLINE RXCLK bit 39 bit 38 t h t su TXLINE TXCLK bit 1 bit 0 buffer busy (1) (2) buffer clear DPROC holds TXLINE LOW during encoder stage t WAIT TWIN (a) (b) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |