Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRF5545ABCPZN Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5545ABCPZN
Description  Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5545ABCPZN Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5545ABCPZN Datasheet HTML 4Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 5Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 6Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 7Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 8Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 9Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 10Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 11Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADRF5545A
Data Sheet
Rev. B | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
RECEIVE OPERATION, HIGH GAIN MODE
40
10
1.0
6.0
FREQUENCY (GHz)
15
20
25
30
35
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–40°C
+25°C
+105°C
Figure 8. Gain vs. Frequency at Various Temperatures
0
–30
1.0
6.0
FREQUENCY (GHz)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–25
–20
–15
–10
–5
INPUT
OUTPUT
Figure 9. Return Loss vs. Frequency
2.5
0
2.4
4.2
FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.6
2.8
3.0
3.2
3.6
3.4
3.8
4.0
–40°C
+25°C
+105°C
Figure 10. Noise Figure vs. Frequency
40
38
20
4.2
4.0
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
–40°C
+25°C
+105°C
Figure 11. Gain vs. Frequency at Various Temperatures,
2.4 GHz to 4.2 GHz
–30
–70
–65
–60
–55
–50
–45
–40
–35
1.0
6.0
FREQUENCY (GHz)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
ISOLATION RXOUT-CHA TO RXOUT-CHB
ISOLATION RXOUT-CHB TO RXOUT-CHA
Figure 12. Channel to Channel Isolation vs. Frequency
45
20
25
30
35
40
4.0
FREQUENCY (GHz)
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
–40°C
+25°C
+105°C
Figure 13. OIP3 vs. Frequency, 8 dBm Output Tone Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com