Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM3351-SW Datasheet(PDF) 48 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 48 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 44Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 45Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 46Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 47Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 48Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 49Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 50Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 51Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 52Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
42
•
A series of two unidirectional buffer FIFOs for receiving data from the MII media:
the first is a 32-deep nibble-wide FIFO that receives framed nibbles from the MII
receive channel pins; the second is the primary 64 byte receive FIFO that
assembles the nibbles into 32-bit data words and buffers them prior to transfer
to the external SRAM. Additional control logic is provided to strip off the
preamble and Start Frame Delimiter (SFD) from the receive data, to assemble
the framed data nibbles into octets, and to perform clock synchronization
between the MII receive clock and the internal system clock. The assembled
and buffered data words are then passed to the DMA Controller, which in turn
writes them out to local memory.
Note that the MAC interface unit can begin receiving the next incoming frame
while the DMA is still servicing the previous frame; control information is inserted
into the FIFOs to ensure that the two frames are properly separated before
transfer to memory.
•
A 2048-byte transmit FIFO is provided to buffer transmit data received from
other ELAN devices over the PCI expansion bus interface prior to transmission
on the MAC transmit channel. This FIFO is large enough to hold more than one
maximum sized frame of 1518 bytes (plus an additional 512 bytes of the next
frame), or up to 32 minimum sized (64-byte) frames, allowing frames to be
stacked back-to-back for continuous transmission in the presence of PCI bus
latencies.
Frame transmission on the MII port only starts if an entire frame is present in the
transmit FIFO, and the Switch Processor has indicated that the frame is to be
transmitted. During transmission, data octets are read from the transmit FIFO
by the transmit MAC interface logic, synchronized to the MII transmit clock, and
then output on the MII transmit data nibble pins. Additional logic in the transmit
interface implements the lower-level frame transmission process described in
the 802.3 specification (preamble and SFD insertion, interframe gap timing,
collision detection and carrier deference for half-duplex, etc.).
•
Control/status registers and logic that allows the Switch Processor to control the
MAC port and the attached PHY devices, and also to monitor status. The
control/status registers contain the timers required for the CSMA/CD algorithm.
MAC transmit sequence
During transmission, 8-bit data octets to be transmitted are passed from the transmit
FIFO to the link transmit interface where they are synchronized to the MII transmit clock
(TX_CLK). After any required deference or interframe gap time, the MII framing signal
TX_EN is asserted and the preamble and SFD are sent on the TXD[3:0] pins. After the
SFD, the data octets comprising the Ethernet frame header and payload are
disassembled into nibbles, which are then transmitted on the TXD[3:0] pins, followed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com