Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8506ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8506ARMZ
Description  Micropower, Rail-to-Rail I/O, High Linearity Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8506ARMZ Datasheet(HTML) 3 Page - Analog Devices

  AD8506ARMZ Datasheet HTML 1Page - Analog Devices AD8506ARMZ Datasheet HTML 2Page - Analog Devices AD8506ARMZ Datasheet HTML 3Page - Analog Devices AD8506ARMZ Datasheet HTML 4Page - Analog Devices AD8506ARMZ Datasheet HTML 5Page - Analog Devices AD8506ARMZ Datasheet HTML 6Page - Analog Devices AD8506ARMZ Datasheet HTML 7Page - Analog Devices AD8506ARMZ Datasheet HTML 8Page - Analog Devices AD8506ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Technical Data
AD8506
Rev. PrA | Page 3 of 10
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS – VS = 5V
VS = 5 V, VCM = Vs/2, TA = 25°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0 V < VCM < 5 V
4
mV
Input Bias Current
IB
1
10
pA
−40°C < TA < +85°C
100
pA
−40°C < TA < +125°C
600
pA
Input Offset Current
IOS
0.5
5
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
100
pA
Input Voltage Range
−40°C < TA < +125°C
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
90
105
dB
−40°C < TA < +85°C
90
105
dB
−40°C < TA < +125°C
90
dB
Large Signal Voltage Gain
AVO
0.05 < VOUT < 4.95
110
130
dB
−40°C < TA < +85°C
100
dB
−40°C < TA < +125°C
100
dB
Offset Voltage Drift
ΔV
OS
/
ΔT
−40°C < TA < +85°C
2.2
μV/°C
−40°C < TA < +125°C
2.2
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to GND
4.95
4.99
V
RL = 10 kΩ to GND
4.85
4.9
V
Output Voltage Low
VOL
RL = 100 kΩ to VS
2
50
mV
RL = 10 kΩ to VS
8
150
mV
Short Circuit Limit
ISC
±60
mA
−40°C to +85°C
±80
mA
−40°C to +125°C
TBD
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 1.8 V to 5 V
105
120
dB
−40°C to +85°C
100
120
dB
−40°C to +125°C
90
120
dB
Supply Current/Amplifier
ISY
VO = VS /2
18
20
μA
−40°C < TA < +125°C
28
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
12
mV/μs
Gain Bandwidth Product
GBP
150
kHz
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f = 0.1 to 10 Hz
2.9
μV p-p
Voltage Noise Density
en
f = 1 kHz
48
nV/√Hz
Current Noise Density
in
f = 10 Hz
TBD
fA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com