Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KG512AB6W9 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M65KG512AB6W9
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB6W9 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M65KG512AB6W9 Datasheet HTML 17Page - STMicroelectronics M65KG512AB6W9 Datasheet HTML 18Page - STMicroelectronics M65KG512AB6W9 Datasheet HTML 19Page - STMicroelectronics M65KG512AB6W9 Datasheet HTML 20Page - STMicroelectronics M65KG512AB6W9 Datasheet HTML 21Page - STMicroelectronics M65KG512AB6W9 Datasheet HTML 22Page - STMicroelectronics M65KG512AB6W9 Datasheet HTML 23Page - STMicroelectronics M65KG512AB6W9 Datasheet HTML 24Page - STMicroelectronics M65KG512AB6W9 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
M65KG526AB
Operating modes
21/54
See Table 5, Table 16, Table 17, Figure 12 and Figure 14, for a detailed description of Burst
Read operation and characteristics.
Burst Read can be terminated by issuing a Burst Read Terminate command (see
Section 3.6: Burst Read Terminate command (BST) and Section Figure 15.: Burst
Terminate during Read operation).
The interval between Burst Read to Burst Read and Burst Read to Burst Write commands
are described in Figure 10, Figure 11 and Figure 23.
4.3
Burst Write
The M65KG512AB is switched in Burst Write mode by issuing a Bank (Row) Activate
command to set the bank and row addresses to be written to, followed by a Write command
(see Section 3.3: Bank(Row) Activate command (ACT) and Section 3.7: Write command
(WRIT) for details).
Burst Write can be accompanied by an Auto Precharge cycle depending on the state of the
A10 Address Input. If A10 is High (set to ‘1’) when the Write command is issued, the Write
operation will be followed by an Auto Precharge cycle. If A10 is Low (set to ‘0’), Auto
Precharge is not selected and the row will remain active for subsequent accesses.
Burst Write operations can be performed either at byte or at word level. The CAS Latency for
Burst Write operations is fixed to 1 clock cycle.
UDQS/LDQS input act as the strobe for the input data and UDQM/LDQM select the byte to
be written. UDQS/LDQS must be Low tWPRE prior to their first rising edge; and can be
changed to High-Z tWPST after their last falling edge. These two periods of time are referred
to as Write Preamble and Write Postamble, respectively.
See Table 16, Table 17, Figure 18, Figure 20, and Figure 21, and for a detailed description
of Burst Write ac waveforms and characteristics.
The interval between Burst Write to Burst Write commands are described in Figure 16,
Figure 17, Figure 24 and Figure 25.
4.4
Self Refresh
In the Self Refresh mode, the data contained in the DDR LPSDRAM memory array is
retained and refreshed. The size of the memory array to be refreshed is programmed in the
Extended Mode Register. Only the data contained in the part of the array selected for Self
Refresh will be retained and refreshed. In this respect, this is a power saving feature.
The Self Refresh mode is entered and exited by issuing a Self Refresh Entry and Self
Refresh Exit command, respectively (see Section 3: Commands). When in this mode, the
device is not clocked any more.
When the Automatic Temperature Compensated Self Refresh mode (ATCSR) is enabled,
the internal refresh is adjusted according to die temperature in order to reduce power
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com