Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9FG1904B-1 Datasheet(PDF) 21 Page - Integrated Circuit Systems

Part # ICS9FG1904B-1
Description  Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG1904B-1 Datasheet(HTML) 21 Page - Integrated Circuit Systems

Back Button ICS9FG1904B-1 Datasheet HTML 14Page - Integrated Circuit Systems ICS9FG1904B-1 Datasheet HTML 15Page - Integrated Circuit Systems ICS9FG1904B-1 Datasheet HTML 16Page - Integrated Circuit Systems ICS9FG1904B-1 Datasheet HTML 17Page - Integrated Circuit Systems ICS9FG1904B-1 Datasheet HTML 18Page - Integrated Circuit Systems ICS9FG1904B-1 Datasheet HTML 19Page - Integrated Circuit Systems ICS9FG1904B-1 Datasheet HTML 20Page - Integrated Circuit Systems ICS9FG1904B-1 Datasheet HTML 21Page - Integrated Circuit Systems ICS9FG1904B-1 Datasheet HTML 22Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
Integrated
Circuit
Systems, Inc.
ICS9FG1904B-1
1255B—08/03/07
Ordering Information
ICS 9FG1904BK-1LFT
Example:
Designation for tape and reel packaging
Lead Free, RoHS Compliant (Optional)
Variation Number
Package Type
K = MLF
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 to 7 digit numbers)
ICS XXXX B K - V LF T
E
Top View
OR
Anvil
Singulation
A3
L
N
(Ref.)
e
e
e
e
(Ref. )
(Ref. )
(Ref. )
(Typ.)
If
A1
Even
E2
D2
D2
2
A
C
0.08
C
E2
2
2
2
1
Sawn
Singulation
Index Area
Seating Plane
are Even
Thermal
Base
Odd
b
(N - 1)x
N
1
Chamfer 4x
0.6 x 0.6 max
OPTIONAL
D
D
&
&
N
D
N
D
N
E
N
E
&
N
D
N
E
(N - 1)x
E
DIMENSIONS
A
0.8
1.0
N
72
A1
0
0.05
ND
18
A3
NE
18
b
0.18
0.3
D x E BASIC
10.00 x 10.00
e
D2 MIN. / MAX.
5.75 / 6.15
E2 MIN. / MAX.
5.75 / 6.15
L MIN. / MAX.
0.30/ 0.50
ICS 72L
TOLERANCE
THERMALLY ENHANCED, VERY THIN, FINE PITCH
QUAD FLAT / NO LEAD PLASTIC PACKAGE
DIMENSIONS
SYMBOL
MIN.
MAX.
SYMBOL
0.25 Reference
0.50 BASIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com