Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPP-2 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # SPP-2
Description  General Purpose Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SPP-2 Datasheet(HTML) 2 Page - Welwyn Components Limited

  SPP-2 Datasheet HTML 1Page - Welwyn Components Limited SPP-2 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Limits
Temperature Coefficient
SPP-1
±600/°C 0.10
Ω-0.91Ω
±300/°C 1.0
Ω-1200Ω
SPP-2
±600/°C 0.10
Ω-0.91Ω
±300/°C 1.0
Ω-2400Ω
SPP-3
±600/°C 0.10
Ω-0.91Ω
±600/°C 1.0
Ω-2400Ω
Thermal Shock
±5%
Low Shock
±5%
Short Time Overload
±5%
Commercial Short Time Overload
±5%
Resistance to Solder Immersion
±3%
Solderability
95% minimum coverage
Moisture Resistance
±5%
Life Test
±5%
Test Method
EIA Specification RS-344
General Purpose
Wirewound Resistors
SPP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
98
Issue B · 03.02
Welwyn Components
Performance Data
100
80
60
40
20
0
0
50
100
150
200
250
300
Ambient Temperature (
°C)
SPP-1, 2
SPP-3
300
200
100
0
0
20
40
60
80
100
Percent Rated Power
SPP-1
SPP-2
SPP-3
Power Derating:
Temperature Rise:
Packaging
Resistors are supplied taped and reeled. 4,000 pcs per reel.
Bulk pack available.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com