Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS843246BGI Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS843246BGI
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843246BGI Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS843246BGI Datasheet HTML 8Page - Integrated Device Technology ICS843246BGI Datasheet HTML 9Page - Integrated Device Technology ICS843246BGI Datasheet HTML 10Page - Integrated Device Technology ICS843246BGI Datasheet HTML 11Page - Integrated Device Technology ICS843246BGI Datasheet HTML 12Page - Integrated Device Technology ICS843246BGI Datasheet HTML 13Page - Integrated Device Technology ICS843246BGI Datasheet HTML 14Page - Integrated Device Technology ICS843246BGI Datasheet HTML 15Page - Integrated Device Technology ICS843246BGI Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
12
ICS843246BGI REV. A AUGUST 2, 2007
ICS843246I
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS843246I.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS843246I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC
= 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
·
Power (core)
MAX
= V
CC_MAX
* I
EE_MAX
= 3.465V * 180mA = 623.7mW
·
Power (outputs)
MAX
= 30mW/Loaded Output pair
If all outputs are loaded, the total power is 6* 30mW = 180mW
Total Power
_MAX
(3.465V, with all outputs switching) = 623.7mW + 180mW = 803.7mW
2.
Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockS
TM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air
flow and a multi-layer board, the appropriate value is 37°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.804W * 37°C/W = 114.7°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
TABLE 7. THERMAL RESISTANCE
θθθθθ
JA
FOR
24-PIN TSSOP, E-PAD FORCED CONVECTION
θθθθθ
JA
by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
37°C/W
31°C/W
30°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com