Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1626IPAPRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1626IPAPRG4
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1626IPAPRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1626IPAPRG4 Datasheet HTML 7Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 8Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 9Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 10Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 11Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 12Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 13Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 14Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
11
CLK
RESET
t
11
t
23
t
24
t
25
t
26
t
9
DRDY
RD
Figure 6. Reset Timing (ADS1626 with FIFO Enabled)
TIMING REQUIREMENTS FOR FIGURE 6
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
t9
RESET pulse width
50
ns
t11
RESET rising edge to falling edge of CLK
−5
10
ns
t23
RD pulse low after RESET goes high
32
CLK
Cycles
t24
RD pulse high before first DRDY pulse after RESET goes high
32
CLK
Cycles
t25
DRDY low after RESET goes low
32
× (FIFO level + 1)
CLK
Cycles
t26
Delay from RESET high to valid DOUT (settling to 0.001%)
See Table 4
DRDY
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com