Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA.2S.306.CLLC72 Datasheet(PDF) 1 Page - LEMO Connectors

Part # PCA.2S.306.CLLC72
Description  S - Indoor Stepped Insert
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

PCA.2S.306.CLLC72 Datasheet(HTML) 1 Page - LEMO Connectors

  PCA.2S.306.CLLC72 Datasheet HTML 1Page - LEMO Connectors PCA.2S.306.CLLC72 Datasheet HTML 2Page - LEMO Connectors PCA.2S.306.CLLC72 Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.lemo.com/int_en/solutions/originals/s-indoor-stepped-insert/pca-2s-306-cllc72.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
PCA.2S.306.CLLC72
Image for illustrative purpose only
Summary
Request a quote
Catalog
Number of contacts Low Voltage
6
Wire Size/AWG
28 - 20
Socket / Receptacle
Socket / Receptacle - Free
Locking system
Push-pull
Jacket cable outside diameter [mm]
6.30 - 7.20 mm
Size
2S
Suggested matching part
FFA.2S.306.CLAC72
Series
S - Indoor Stepped Insert


Similar Part No. - PCA.2S.306.CLLC72

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
PCA.2S.306.CLLC72Z LEMO-PCA.2S.306.CLLC72Z Datasheet
65Kb / 3P
S - Indoor Stepped Insert
More results

Similar Description - PCA.2S.306.CLLC72

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1103417-3 MACOM-2-1103417-3 Datasheet
207Kb / 1P
Female insert HA.16.BU.C/S
2-1103417-7 MACOM-2-1103417-7 Datasheet
207Kb / 1P
Female insert HA.16.BU.C/S
2-1103417-8 MACOM-2-1103417-8 Datasheet
207Kb / 1P
Female insert HA.16.BU.C/S
2-1103417-9 MACOM-2-1103417-9 Datasheet
207Kb / 1P
Female insert HA.16.BU.C/S
logo
PHOENIX CONTACT
1421608 PHOENIX-1421608 Datasheet
233Kb / 5P
Contact insert - CUC-INI-C1ZNI-S/R4IE8
1421129 PHOENIX-1421129 Datasheet
236Kb / 5P
Contact insert - CUC-INI-C1ZNI-S/R4IP8
0913016 PHOENIX-0913016 Datasheet
59Kb / 3P
Fuse insert - S 2 A/380 V
09/11/2020
0913032 PHOENIX-0913032 Datasheet
58Kb / 3P
Fuse insert - S 6 A/380 V
09/11/2020
0913058 PHOENIX-0913058 Datasheet
58Kb / 3P
Fuse insert - S 16 A/380 V
09/11/2020
0913100 PHOENIX-0913100 Datasheet
59Kb / 3P
Fuse insert - S 63 A/380 V
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com