Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC55S2X Datasheet(PDF) 72 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button LPC55S2X_V03 Datasheet HTML 68Page - NXP Semiconductors LPC55S2X_V03 Datasheet HTML 69Page - NXP Semiconductors LPC55S2X_V03 Datasheet HTML 70Page - NXP Semiconductors LPC55S2X_V03 Datasheet HTML 71Page - NXP Semiconductors LPC55S2X_V03 Datasheet HTML 72Page - NXP Semiconductors LPC55S2X_V03 Datasheet HTML 73Page - NXP Semiconductors LPC55S2X_V03 Datasheet HTML 74Page - NXP Semiconductors LPC55S2X_V03 Datasheet HTML 75Page - NXP Semiconductors LPC55S2X_V03 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
10 Static characteristics
10.1 General operating conditions
Tamb = -40 °C to +105 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fclk
clock frequency
internal CPU/system clock
-
-
150 [2]
MHz
fclk
clock frequency
For USB high-speed device and
host operations
90
-
150 [2]
MHz
fclk
clock frequency
For USB full-speed device and
host operations
12
-
150 [2]
MHz
VDD
Main IO supply
1.8
-
3.6
V
VBAT_DCDC Supply of DCDC output stage.
DCDC core supply (references
and regulation stages)
1.8
-
3.6
V
VBAT_PMU
Analog supply
1.8
-
3.6
V
VDD_PMU [3] Analog supply for Core. DCDC
output
1.0
-
1.2
V
USB0_3V3
USB0 analog 3.3 V supply.
3.0
-
3.6
V
USB1_3V3
USB1 analog 3.3 V supply.
3.0
-
3.6
V
VDDA
Analog supply voltage for ADC
1.8
-
3.6
V
Vrefp
ADC positive reference voltage
0.985
-
VDDA
V
Table 13. General operating conditions
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25 °C), nominal supply voltages.
[2]
Flash operations (erase, blank check, program) and reading single word can only be performed for CPU frequencies of up to 100 MHz. Cannot be
performed for frequencies above 100 MHz.
[3]
Power library in SDK sets the DCDC output based on the frequency selected. For frequencies 100 MHz or below, DCDC output is set between 1.0 V to
1.075 V, for frequencies between 101 MHz to 130 MHz, DCDC output is set between 1.025 V to 1.150 V and for frequencies above 130 MHz, DCDC
output is set between 1.050 V to 1.2 V. The typical default DCDC output is 1.0 V.
10.2 CoreMark data
Tamb = 25°C, VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Parameter
Conditions
Typ [2]
Unit
ARM Cortex-M33 in active mode
CoreMark code executed from SRAMX;
CCLK = 12 MHz
[3][4]
4.0
(Iterations/s) / MHz
CCLK = 48 MHz
[3][4]
4.0
(Iterations/s) / MHz
CCLK = 60 MHz
[3][4]
4.0
(Iterations/s) / MHz
CCLK = 96 MHz
[3][4]
4.0
(Iterations/s) / MHz
CCLK = 100 MHz
[4][5]
4.0
(Iterations/s) / MHz
CoreMark score
CCLK = 150 MHz
[4][5]
4.0
(Iterations/s) / MHz
CoreMark score
CoreMark code executed from flash;
[3][4][6]
3.6
(Iterations/s) / MHz
Table 14. CoreMark score [1]
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
72 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com