Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7B9950AXCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7B9950AXCT
Description  2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9950AXCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7B9950AXCT Datasheet HTML 2Page - Cypress Semiconductor CY7B9950AXCT Datasheet HTML 3Page - Cypress Semiconductor CY7B9950AXCT Datasheet HTML 4Page - Cypress Semiconductor CY7B9950AXCT Datasheet HTML 5Page - Cypress Semiconductor CY7B9950AXCT Datasheet HTML 6Page - Cypress Semiconductor CY7B9950AXCT Datasheet HTML 7Page - Cypress Semiconductor CY7B9950AXCT Datasheet HTML 8Page - Cypress Semiconductor CY7B9950AXCT Datasheet HTML 9Page - Cypress Semiconductor CY7B9950AXCT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RoboClock®
CY7B9950
Document #: 38-07338 Rev. *C
Page 7 of 10
Notes:
10. Test load = 20 pF, terminated to VCC/2. All outputs are equally loaded.
11. tPD is measured at 1.5V for VDD = 3.3V and at 1.25V for VDD = 2.5V with REF rise/fall times of 0.5 ns between 0.8V – 2.0V.
12. tLOCK is the time that is required before outputs synchronize to REF. This specification is valid with stable power supplies which are within normal operating limits.
13. Lock detector circuit may be unreliable for input frequencies lower than 4 MHz, or for input signals which contain significant jitter.
AC Input Specifications
Parameter
Description
Condition
Min.
Max.
Unit
TR,TF
Input Rise/Fall Time
0.8V – 2.0V
–
10
ns/V
TPWC
Input Clock Pulse
HIGH or LOW
2
–
ns
TDCIN
Input Duty Cycle
10
90
%
FREF
Reference Input
Frequency
FS = LOW
6
50
MHz
FS = MID
12
100
FS = HIGH
24
200
Switching Characteristics
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
FOR
Output Frequency
Range
6–
200
MHz
VCOLR
VCO Lock Range
200
–
400
MHz
VCOLBW
VCO Loop Bandwidth
0.25
–
3.5
MHz
tSKEWPR
Matched-Pair Skew[10]
Skew between the earliest and the latest output transi-
tions within the same bank.
–50
100
ps
tSKEW0
Output-Output Skew[10]
Skew between the earliest and the latest output transi-
tions among all outputs at 0tU.
–100
200
ps
tSKEW1
Skew between the earliest and the latest output transi-
tions among all outputs for which the same phase delay
has been selected.
–100
200
ps
tSKEW2
Skew between the nominal output rising edge to the
inverted output falling edge
––
500
ps
tSKEW3
Output-Output Skew[10]
Skew between non-inverted outputs running at different
frequencies
––
500
ps
tSKEW4
Skew between nominal to inverted outputs running at
different frequencies
––
500
ps
tSKEW5
Skew between nominal outputs at different power
supply levels
––
650
ps
tPART
Part-Part Skew
Skew between the outputs of any two devices under
identical settings and conditions (VDDQ,VDD,temp, air
flow, frequency, etc.)
––
750
ps
tPD0
Ref-FB Propagation
Delay[11]
–250
–
+250
ps
tODCV
Output Duty Cycle
Fout < 100 MHz, measured at VDD/2
48
49.5/
50.5
52
%
Fout > 100 MHz, measured at VDD/2
45
48/
52
55
tPWH
Output High Time
Deviation from 50%
Measured at 2.0V for VDD = 3.3V and at 1.7V for VDD =
2.5V.
––
1.5
ns
tPWL
Output Low Time
Deviation from 50%
Measured at 0.8V for VDD = 3.3V and at 0.7V for VDD =
2.5V.
––
2.0
ns
tR/tF
Output Rise/Fall Time
Measured at 0.8V – 2.0V for VDD = 3.3V and 0.7V–1.7V
for VDD = 2.5V
0.15
–
1.5
ns
tLOCK
PLL lock time[12,13]
––
0.5
ms
tCCJ
Cycle-Cycle Jitter
Divide by 1 output frequency, FS = L, FB = divide by
1,2,4
–50
100
ps
Divide by 1 output frequency, FS = M/H, FB = divide by
1,2,4
–70
150
ps
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com