Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP14NK60Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP14NK60Z
Description  N-channel 600V - 0.45Ω - 13.5A TO-220/FP-D2/I2PAK-TO-247 Zener-protected SuperMESH™ Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP14NK60Z Datasheet(HTML) 3 Page - STMicroelectronics

  STP14NK60Z Datasheet HTML 1Page - STMicroelectronics STP14NK60Z Datasheet HTML 2Page - STMicroelectronics STP14NK60Z Datasheet HTML 3Page - STMicroelectronics STP14NK60Z Datasheet HTML 4Page - STMicroelectronics STP14NK60Z Datasheet HTML 5Page - STMicroelectronics STP14NK60Z Datasheet HTML 6Page - STMicroelectronics STP14NK60Z Datasheet HTML 7Page - STMicroelectronics STP14NK60Z Datasheet HTML 8Page - STMicroelectronics STP14NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STP14NK60Z-STP14NK60ZFP-STB14NK60Z-STB14NK60Z-1-STW14NK60Z
Electrical ratings
3/19
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/D²PAK/I²PAK
TO-247
TO-220FP
VDS
Drain-source voltage (VGS = 0)
600
V
VDGR
Drain-gate voltage (RGS = 20KΩ)
600
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
13.5
13.5(1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC=100°C
8.5
8.5(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
54
54 (1)
A
PTOT
Total dissipation at TC = 25°C
160
40
W
Derating factor
1.28
0.32
W/°C
VESD(G-S)
Gate source ESD (HBM-C= 100pF, R=
1.5k
Ω)
4000
V
dv/dt(3)
3.
ISD ≤13.5A, di/dt ≤200A/µs, VDD≤V(BR)DSS, Tj ≤TJMAX.
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (DC)
--
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220/D²PAK/I²PAK
TO-247
TO-220FP
Rthj-case
Thermal resistance junction-case Max
0.78
3.1
°C/W
Rthj-a
Thermal resistance junction-ambient
Max
62.5
50
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com